Electronic Components Datasheet Search
  English  ▼

X  

AN2485 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN2485
Description  400 W FOT-controlled PFC pre-regulator with the L6563
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2485 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN2485 Datasheet HTML 14Page - STMicroelectronics AN2485 Datasheet HTML 15Page - STMicroelectronics AN2485 Datasheet HTML 16Page - STMicroelectronics AN2485 Datasheet HTML 17Page - STMicroelectronics AN2485 Datasheet HTML 18Page - STMicroelectronics AN2485 Datasheet HTML 19Page - STMicroelectronics AN2485 Datasheet HTML 20Page - STMicroelectronics AN2485 Datasheet HTML 21Page - STMicroelectronics AN2485 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
Layout hints
AN2485
18/29
The third communication line is the PWM_STOP pin (pin #9), which works in conjunction
with the RUN pin (pin #10). The purpose of the PWM_STOP pin is to inhibit the PWM
activity of both the PFC stage and the cascaded DC-DC converter.
The PWM_STOP pin is an open collector, normally open, that goes low if the device is
disabled by a voltage lower than 0.52 V on the RUN pin (#10). It is important to point out that
this function works correctly in systems where the PFC stage is the master and the
cascaded DC-DC converter is the slave or, in other words, where the PFC stage starts first,
powers both controllers and enables/disables the operation of the DC-DC stage. This
function is quite flexible and can be used in different ways. In systems comprising an
auxiliary converter and a main converter (e.g. desktop PC's silver box or Hi-end Flat-TV or
monitor), where the auxiliary converter also powers the controllers of the main converter, the
pin RUN (#10) can be used to start and stop the main converter. In the simplest case, to
enable/disable the PWM controller the PWM_STOP (#9) pin can be connected to either the
output of the error amplifier or, if the chip is provided with it, to its soft-start pin.
The EVAL6563-400W offers the possibility to test the housekeeping functions by connecting
them to the cascaded converter via the series resistors R28, R29, R30. Regarding the
PWM_STOP (#9) pin that is an open collector type, if it needs a pull-up resistor, connect it
close to the cascaded PWM for better noise immunity.
Figure 33.
Interface circuits that let the L6563/A switch on or off a PWM controller
3
Layout hints
The layout of any converter is a very important phase in the design process which may not
always have the necessary attention required by the engineers. Even if it the layout phase
appears time-consuming, a good layout does save time during the functional debugging and
the qualification phases. Additionally, a power supply circuit with a correct layout needs
smaller EMI filters or less filter stages and subsequently provides consistent cost savings.
The L6563 does not need any special attention to the layout, but the general layout rule for
any power converter must be applied carefully. Basic rules using the EVAL6563-400W
schematic as a reference are listed below. They can be used for other PFC circuits having
any power level, working either in FOT or TM control.
1.
Keep power and signal RTN separated. Connect the return pins of components
carrying high current such as C4, C5, sense resistors, C6 and C7 as close as possible.
L6668
PFC_STOP
14
16
Vcc
10 k
Ω
BC557
2.2 k
Ω
L6563
L6563A
Vcc
14
8.2 V
L6563
L6563A
(RUN)
PFC_OK
BC547
L6668
14 PFC_STOP
7
(10)
2.2 k
Ω
8
VREF
100 k
Ω
L6599
PFC_STOP
14
L6563
L6563A
(RUN)
PFC_OK
7
(10)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com