Electronic Components Datasheet Search
  English  ▼

X  

AN2487 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN2487
Description  power over Ethernet powered device demonstration board
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2487 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN2487 Datasheet HTML 7Page - STMicroelectronics AN2487 Datasheet HTML 8Page - STMicroelectronics AN2487 Datasheet HTML 9Page - STMicroelectronics AN2487 Datasheet HTML 10Page - STMicroelectronics AN2487 Datasheet HTML 11Page - STMicroelectronics AN2487 Datasheet HTML 12Page - STMicroelectronics AN2487 Datasheet HTML 13Page - STMicroelectronics AN2487 Datasheet HTML 14Page - STMicroelectronics AN2487 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
AN2487
Circuit descriptions
11/32
3.1.2
Transient protection
A 58 V Zener diode (D3) is placed across the DC bus so that it clamps all inputs to slightly
more than that value. ESD and connection transients then cannot harm downstream
circuitry.
3.1.3
Input capacitor
The 802.3af specification requires at least 0.05 µF of capacitance for the maintain power
signature. 0.1 µF is installed at C1. This capacitor must be rated for at least 90 volts.
3.2
STHS4257 powered device interface controller
3.2.1
Sequence of operation
During startup (connection of PD or power-up of a PSE output), a reduced input voltage is
used to identify the loads requiring power. Between -2.8 V and -10 V, an incremental load
slope of 25 k indicates that the load is requesting power. This is called the PoE signature
resistance.
3.2.2
POE Signature resistance
The STHS4257 powered device interface controller generates the 25 k
Ω signature
resistance slope internally. No external resistor is required. Note that there is a Signature
Disable function on the chip, which is not used in this design. The signature disable function
can be used to disable power from the PSE if the powered device is receiving its power from
another source.
3.2.3
Classification
Between -15.5 and -20 V the load current indicates a power classification. Optionally, the
Powered Device can inform the power sourcing equipment (PSE) to expect loading in a
defined range. A precision resistor could be added at the R1 location to set Classification
Current. The resistor was not installed in the demo board, so the board reports Class 0
(zero), informing the PSE that power may be required over any part of the full 0.44 W to
12.95 W load range. Table 3 in the STHS4257 datasheet and Tables 33-3 and 33-4 in the
IEEE 803.2af specification show the defined ranges and resistor values. Table 1 below
combines the information.
Table 1.
Power classes and class identification
Class
Power range
Notes
Classification current
R1 value
0
0.44 to 12.95 W
Default
0 to 4 mA
Open
1
0.44 to 3.84 W
Optional
9 to 12 mA
124
Ω
2
3.84 to 6.49 W
Optional
17 to 20 mA
68.1
Ω
3
6.49 to 12.95 W
Optional
26 to 30 mA
45.3
Ω
4
Reserved
Reserved
36 to 44 mA
30.9
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com