Electronic Components Datasheet Search
  English  ▼

X  

AN2487 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN2487
Description  power over Ethernet powered device demonstration board
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2487 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN2487 Datasheet HTML 13Page - STMicroelectronics AN2487 Datasheet HTML 14Page - STMicroelectronics AN2487 Datasheet HTML 15Page - STMicroelectronics AN2487 Datasheet HTML 16Page - STMicroelectronics AN2487 Datasheet HTML 17Page - STMicroelectronics AN2487 Datasheet HTML 18Page - STMicroelectronics AN2487 Datasheet HTML 19Page - STMicroelectronics AN2487 Datasheet HTML 20Page - STMicroelectronics AN2487 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
AN2487
Electrical characteristics
17/32
4
Electrical characteristics
4.1
Test setup
Figure 7 shows a diagram of the loads and power supplies used for the test setup.
Figure 7.
Test setup
4.2
STHS4257 powered device interface controller
4.2.1
Signature current
Figure 8 compares the incremental slope and linearity of the signature resistance to the
ideal slope and the limits. The limiting resistances were plotted, and then the limiting
resistance curves and the data for the chip were shifted vertically to match the lower limit of
the measurement range. Error can then be measured at the upper end of the measurement
range.
Linearity of the slope does not appear to be an issue within the measurement range.
Figure 8.
Signature resistance slopes
R1
(2) 10 ohms 1%
R2
INPUT
AMMETER
TB1
TESTINPUT
TB2
DC OUTPUT
12V
VOLTMETER
3.3V
AMMETER
3.3V
VOLTMETER
12V
AMMETER
INPUT
VOLTMETER
DEVICE UNDER TEST
DC POWER SUPPLY 0-60V
DC LOAD 0-2A
DC LOAD 0-2A
12V LOAD
3.3V LOAD
S?
SW-SPST
Signature Current
0
100
200
300
400
500
600
024
68
10
12
Input Voltage
Shifted ST Data
Lower Resistance Limit
Upper Resistance Limit
Slope Measurement Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com