Electronic Components Datasheet Search
  English  ▼

X  

AN2487 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN2487
Description  power over Ethernet powered device demonstration board
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2487 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN2487 Datasheet HTML 15Page - STMicroelectronics AN2487 Datasheet HTML 16Page - STMicroelectronics AN2487 Datasheet HTML 17Page - STMicroelectronics AN2487 Datasheet HTML 18Page - STMicroelectronics AN2487 Datasheet HTML 19Page - STMicroelectronics AN2487 Datasheet HTML 20Page - STMicroelectronics AN2487 Datasheet HTML 21Page - STMicroelectronics AN2487 Datasheet HTML 22Page - STMicroelectronics AN2487 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
AN2487
Electrical characteristics
19/32
4.3
Powered device supply solution
The following properties were verified by testing the demonstration board against IEEE
802.3af, section 33.C.5 specifications.
4.3.1
Current draw at low input voltage
The system is not allowed to draw significant power if its input is below 30 V.
4.3.2
Power Good signal and capacitor charging current
●
Upper trace, channel 1: Power Good signal relative to power converter input negative
●
Lower trace, channel 2: Input current to PD
4.3.3
Discussion
On the lower trace, two distinct regions are visible.
The first is the charging of the power converter input capacitors. The current is limited to a
low value (around 140 mA) by the STHS4257A1 chip. After these capacitors charge, the
Power Good (channel 1) signal drops, allowing the converter's Vcc capacitor to begin
charging. A short time later, the converter starts, drawing significant current (approximately
350 mA) while it charges its output capacitors.
4.4
Startup loading on the power sourcing equipment
According to the specification, once power is applied to the PD, the PSE must shut down if
the load current exceeds 400 mA for more than 50 milliseconds. After this startup transient,
the overcurrent trip point is reduced to 350 mA.
Table 4.
Input current at 30V
Input voltage
Input current
Specification Imax
30.0
0.273 mA
1.14 mA
Figure 9.
42 V input
Figure 10.
57 V input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com