Electronic Components Datasheet Search
  English  ▼

X  

AN2487 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN2487
Description  power over Ethernet powered device demonstration board
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2487 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN2487 Datasheet HTML 16Page - STMicroelectronics AN2487 Datasheet HTML 17Page - STMicroelectronics AN2487 Datasheet HTML 18Page - STMicroelectronics AN2487 Datasheet HTML 19Page - STMicroelectronics AN2487 Datasheet HTML 20Page - STMicroelectronics AN2487 Datasheet HTML 21Page - STMicroelectronics AN2487 Datasheet HTML 22Page - STMicroelectronics AN2487 Datasheet HTML 23Page - STMicroelectronics AN2487 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
Electrical characteristics
AN2487
20/32
The traces in Figure 11 and Figure 12 were taken with 20 ohms in series with the demo
board's input to simulate cable resistance.
●
Channel 1: DC input current, 100 mA/division
●
Channel 2: 12 V output voltage, 10 V/division
Starting at the first division from the left, note the capacitor charging current, limited by the
STHS4257A1 chip. Until the power converter's input capacitors are charged, this chip does
not permit the converter to start. This prevents the sudden application of both load current
and capacitor charging current at the same time, which would overload the PSE.
The STHS4257A1 chip dissipates considerable heat during the charging of the converter's
input capacitors. It does rather well with the 300 µF capacitance used in the demo board.
Note that 300 µF is a rather high value for the input capacitors, chosen to stress the chips.
However, once the capacitors are charged, (and before the converter starts) the chip turns
on an internal FET switch to reduce losses. Current limiting ceases; the converter is
connected directly to the input power.
After about 3.5 divisions the power converter starts, drawing current from its input capacitors
to charge its output capacitors and to supply the resistive test load. The energy required to
charge the converter's output capacitors can be clearly seen as an overshoot in the input
current (top trace).
Note also that the STHS4257A1 chip must supply input capacitor charging current for a
longer period at 57 V, because it charges the capacitors to a higher voltage at the same
current. The output capacitor charging spike is also shorter at 57 V, because more energy is
stored in the input capacitors. Also note that the converter draws significantly less current at
57 V than it does at 37 V.
4.4.1
Maintain power signature
This design does not meet the DC maintain power signature current of 10 mA minimum.
This could easily be corrected (if necessary) by increasing the LED current or preloading the
outputs, but it is assumed that some load will be present at the converter's output. Input
current with no load was measured over the operating voltage range.
Figure 11.
Full-load startup input current with
cable resistance - 44 V source, 37 V
at PD
Figure 12.
Full-load startup input current with
cable resistance - 57 V source,
input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com