Electronic Components Datasheet Search
  English  ▼

X  

AN2487 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN2487
Description  power over Ethernet powered device demonstration board
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2487 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN2487 Datasheet HTML 8Page - STMicroelectronics AN2487 Datasheet HTML 9Page - STMicroelectronics AN2487 Datasheet HTML 10Page - STMicroelectronics AN2487 Datasheet HTML 11Page - STMicroelectronics AN2487 Datasheet HTML 12Page - STMicroelectronics AN2487 Datasheet HTML 13Page - STMicroelectronics AN2487 Datasheet HTML 14Page - STMicroelectronics AN2487 Datasheet HTML 15Page - STMicroelectronics AN2487 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
Circuit descriptions
AN2487
12/32
Two methods of determining the classification are supported:
●
Voltage between -15.5 and -20 V is applied and the current is measured (IEEE803.2af
compliant); or,
●
Current is applied and voltage measured (obsolete, requires multiple test currents).
The STHS4257 supports both methods -- it acts as a current sink. If voltage is applied and
current measured, the classification is determined in a single step.
If a current between the classification ranges is applied, the voltage across the device will be
either less than 15.5 V or greater than 20 V. Stepping the current between ranges allows
determining the classification.
Because of the relatively high dissipation in the chip at the higher classes, the classification
time is specified by IEEE 802.3af at 75 ms (maximum).
3.2.4
Startup sequence
If the signature (and classification, if implemented) tests indicate that power should be
applied to the PD, the PSE will apply the available voltage to the ethernet cable with the
current limited to 400 mA. (If the source is in current limit for more than 50ms, the load is
disconnected.) This allows charging of the power converter input capacitors.
Action of the PD is then determined by the voltage at the STHS4257 input and the state of
its internal current limiter.
If the input voltage to the STHS4257 is below 30 V, nothing happens; no current is supplied
to the power converter.
If the input voltage is above 42 V, the STHS4257 turns on, supplying current-limited power to
the power converter input.
The power converter requires capacitance at its input, usually in the range from 50 to
300 µF. This capacitance (C2, 3, and 4) is charged to the input voltage by the internal
current limiter of the STHS4257.
When the capacitor charging current falls to a predetermined value, the capacitor is
assumed to be charged. At this point, input and output voltages of the STHS4257 are nearly
equal, and the current limit function is replaced by a low-resistance switch.
When the switch turns on, the /Power Good signal is also turned on, pulling pin 6 to VOUT.
This signal is used to start the power converter.
Two events can stop the STHS4257 startup: overtemperature and undervoltage. If either
event occurs, the /Power Good signal goes high impedance (open circuit), and the FET
connection from VIN to VOUT (pins 4 and 5) is opened.
If neither event occurs, the /Power Good signal turns on Q2, which enables current to trickle
through R5 to charge C7 in the housekeeping supply of the power converter. Approximately
40 milliseconds later, C7 is charged to the L6565's startup voltage and the converter starts.
3.2.5
Maintain power signature (MPS)
The converter must maintain two signatures if the PSE is to continue supplying power:
●
DC MPS - Current of at least 10 mAdc drawn from the PSE for 60 ms out of any 360 ms
period. Dropouts cannot exceed 300 ms.
●
AC MPS - Impedance less than 27 K at 500 Hz, >2.5 V test signal
The PSE can optionally ignore either the DC or AC MPS. The PD must present both.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com