Electronic Components Datasheet Search
  English  ▼

X  

AN2487 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN2487
Description  power over Ethernet powered device demonstration board
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2487 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN2487 Datasheet HTML 14Page - STMicroelectronics AN2487 Datasheet HTML 15Page - STMicroelectronics AN2487 Datasheet HTML 16Page - STMicroelectronics AN2487 Datasheet HTML 17Page - STMicroelectronics AN2487 Datasheet HTML 18Page - STMicroelectronics AN2487 Datasheet HTML 19Page - STMicroelectronics AN2487 Datasheet HTML 20Page - STMicroelectronics AN2487 Datasheet HTML 21Page - STMicroelectronics AN2487 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
Electrical characteristics
AN2487
18/32
4.2.2
Classification current
Table 2 shows the classification current for the values of classification resistors shown (R1 in
Figure 5).
All the currents are well within the specification limits.
4.2.3
Undervoltage lockout
The startup and shutdown voltages, at which the chip starts the load or turns the load off,
were measured. Results are shown in Table 3.
These values are the board input voltages at which the STHS4257A1 chip enables and
disconnects the power converter. The data was taken with no load on the power converter
output. Startup occurs shortly after the /Power Good signal goes low, when the Vdd
capacitor charges to the L6565's startup voltage (12.5 to 14.5 volts). Shutdown occurs when
the STHS4257A1 chip disconnects the converter from its power source and the input
capacitors discharge.
Table 2.
Classification current
Class
0
1234
Watts available at PSE
connector
15.4 W
4.0 W
7.0 W
15.4 W
(future)
Treat as
class 0
Specified R
Open
124
Ω
68.1
Ω
45.3
Ω
30.9
Ω
Measured R used
Open
124.1
Ω
67.8
Ω
45.3
Ω
30.8
Ω
Specified current range
0 to 5 mA
8 to 13 mA
16 to 21 mA
25 to 31 mA
35 to 45 mA
STSH4257-
A-1 test
results
Current at
15.5 V
0.243 mA
10.11 mA
18.28 mA
27.22 mA
39.74 mA
Current at
20.5 V
0.278 mA
10.15 mA
18.31 mA
27.25 mA
39.73 mA
Table 3.
PD Startup and shutdown voltages
Startup
Shutdown
37.01 V
31.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com