Electronic Components Datasheet Search
  English  ▼

X  

AN2487 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN2487
Description  power over Ethernet powered device demonstration board
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2487 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN2487 Datasheet HTML 20Page - STMicroelectronics AN2487 Datasheet HTML 21Page - STMicroelectronics AN2487 Datasheet HTML 22Page - STMicroelectronics AN2487 Datasheet HTML 23Page - STMicroelectronics AN2487 Datasheet HTML 24Page - STMicroelectronics AN2487 Datasheet HTML 25Page - STMicroelectronics AN2487 Datasheet HTML 26Page - STMicroelectronics AN2487 Datasheet HTML 27Page - STMicroelectronics AN2487 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
Electrical characteristics
AN2487
24/32
4.7.4
Transient response
Half load to full load transients were applied to the tested output with 50 V at the input. 16
sweeps were averaged by the oscilloscope to remove noise, which would otherwise obscure
the traces.
●
Channel 1 = 12 V output
●
Channel 2 = 3.3 V output
4.7.5
Overload characteristics
The STHS4257A1 limits the supply input current, thereby limiting the power to all outputs. If
the current drawn by the converter exceeds 350 mA the STHS4257A1 will shut off and
attempt to restart. As it continues to repeatedly recharge the power converter's input
capacitors, it will shut down thermally.
The 12 V output is well protected from overload as it carries the bulk of the output power. In
the short term, if it is sufficiently overloaded, the output voltage will fall on all windings of the
transformer, including the bootstrap voltage for the L6565. If the bootstrap voltage goes low
enough, the L6565 will shut itself off. It will attempt to restart when the bootstrap capacitor
gets recharged to the L6565 startup voltage, and then turn off again.
If the 3.3 V output is shorted, the mechanism above will protect the unit. However, the 3.3 V
output is not well protected against overload because it does not draw a large portion of the
input power. It can supply well over its rated current for short terms, but if an overload
remains in place the 3.3 V Schottky diode, the 3.3 V transformer winding, and the small filter
choke will be overstressed.
4.7.6
Efficiency
●
Full load = 78.2%
●
Half load = 76.5%
Note that these figures include the losses in the LEDs and the input diodes.
Figure 23.
3.3 V half-full transient, 12 V at half
load
Figure 24.
12 V half-full transient, 3.3 V at half
load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com