Electronic Components Datasheet Search
  English  ▼

X  

AN3339 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN3339
Description  185 W power supply with PFC and standby supply for LED TV
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3339 Datasheet(HTML) 1 Page - STMicroelectronics

  AN3339 Datasheet HTML 1Page - STMicroelectronics AN3339 Datasheet HTML 2Page - STMicroelectronics AN3339 Datasheet HTML 3Page - STMicroelectronics AN3339 Datasheet HTML 4Page - STMicroelectronics AN3339 Datasheet HTML 5Page - STMicroelectronics AN3339 Datasheet HTML 6Page - STMicroelectronics AN3339 Datasheet HTML 7Page - STMicroelectronics AN3339 Datasheet HTML 8Page - STMicroelectronics AN3339 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
August 2012
Doc ID 18449 Rev 2
1/44
AN3339
Application note
185 W power supply with PFC and standby supply for LED TV
using the L6564, L6599A, and VIPER27LN
By Claudio Spini
Introduction
This document describes the characteristics and features of a 185 W, wide input mains
range, power-factor-corrected, demonstration board for LED TV.
The architecture is based on a three-stage approach: a front-end PFC pre-regulator based
on the L6564 TM PFC controller and a downstream LLC resonant half bridge converter
using the L6599A resonant controller, delivering 12 V, 24 V, and 130 V. A flyback-based
standby supply delivering 5 V, controlled by the VIPER27LN, is also implemented. Thanks to
the chipset used, the principal factors of this design are the very high efficiency as well as
the very low input consumption during standby operation.
Figure 1.
EVL185W-LEDTV: 185 W demonstration board
www.st.com


Similar Part No. - AN3339

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
AN333 STANLEY-AN333 Datasheet
246Kb / 4P
THROUGH-HOLE SHAPE - INFRARED LED
logo
STMicroelectronics
AN3332 STMICROELECTRONICS-AN3332 Datasheet
96Kb / 7P
Generating PWM signals using STM8S-DISCOVERY
15-Jan-2011
logo
Panasonic Semiconductor
AN3336 PANASONIC-AN3336 Datasheet
56Kb / 5P
4-Head VCR Recording/Playback Amplifier IC
AN3336SB PANASONIC-AN3336SB Datasheet
56Kb / 5P
4-Head VCR Recording/Playback Amplifier IC
logo
STMicroelectronics
AN3338 STMICROELECTRONICS-AN3338 Datasheet
2Mb / 72P
In recent years the variable speed motor control market has required high performance
17-Mar-2015
More results

Similar Description - AN3339

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA1307P TOSHIBA-TA1307P Datasheet
124Kb / 12P
Integrated Circuit For Standby Power-Supply Control
logo
Power Integrations, Inc...
DER-114 POWERINT-DER-114 Datasheet
698Kb / 28P
21 W Standby Power Supply using TNY280P
logo
Astrodyne Corporation
REL185 ASTRODYNE-REL185 Datasheet
458Kb / 3P
185 Watt Open Frame Switching Power Supply with PFC
logo
Texas Instruments
UCC28810EVM-002 TI1-UCC28810EVM-002 Datasheet
436Kb / 17P
A 0.9-A Constant Current Supply with PFC for 100-W LED
logo
NXP Semiconductors
SSL4120 NXP-SSL4120 Datasheet
631Kb / 48P
Resonant power supply controller IC with PFC for LED lighting
Rev. 1-8 January 2013
logo
Astrodyne Corporation
REL185 ASTRODYNE-REL185_16 Datasheet
302Kb / 3P
185 Watt Open Frame Switching Power Supply with PFC
logo
Coilcraft lnc.
HA3858 COILCRAFT-HA3858_16 Datasheet
390Kb / 2P
Magnetics for 300 W Power Supply with PFC
logo
CINCON ELECTRONICS Corp...
CFM150S CINCON-CFM150S Datasheet
504Kb / 2P
AC-DC POWER SUPPLY WITH PFC
logo
Mean Well Enterprises C...
GSV30 MEANWELL-GSV30 Datasheet
403Kb / 7P
30W With PFC LED Power Supply
GSV60 MEANWELL-GSV60 Datasheet
400Kb / 7P
60W With PFC LED Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com