Electronic Components Datasheet Search
  English  ▼

X  

AN3339 Datasheet(PDF) 34 Page - STMicroelectronics

Part # AN3339
Description  185 W power supply with PFC and standby supply for LED TV
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3339 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button AN3339 Datasheet HTML 30Page - STMicroelectronics AN3339 Datasheet HTML 31Page - STMicroelectronics AN3339 Datasheet HTML 32Page - STMicroelectronics AN3339 Datasheet HTML 33Page - STMicroelectronics AN3339 Datasheet HTML 34Page - STMicroelectronics AN3339 Datasheet HTML 35Page - STMicroelectronics AN3339 Datasheet HTML 36Page - STMicroelectronics AN3339 Datasheet HTML 37Page - STMicroelectronics AN3339 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 44 page
background image
Bill of materials
AN3339
34/44
Doc ID 18449 Rev 2
R68
1 k
Ω
SMD film res-1/8 W-5 %-250 ppm/°C
VISHAY
0805
R69
4.7 k
Ω
SMD film res-1/8 W-5 %-250 ppm/°C
VISHAY
0805
R70
10 k
Ω
SMD film res-1/8 W-5 %-250 ppm/°C
VISHAY
0805
R71
4.7 k
Ω
SMD film res-1/8 W-5 %-250 ppm/°C
VISHAY
0805
R72
1 k
Ω
SMD film res-1/8 W-5 %-250 ppm/°C
VISHAY
0805
R73
1 k
Ω
SMD film res-1/8 W-5 %-250 ppm/°C
VISHAY
0805
R74
2.7 k
Ω
SMD film res-1/8 W-5 %-250 ppm/°C
VISHAY
0805
R75
1
Ω
NFR25H-axial fusible res-1/2 W-5 %
VISHAY
PTH
R76
150 k
Ω
SMD film res-1/4 W-1 %-100 ppm/°C
VISHAY
1206
R78
3.9
Ω
SMD film res-1/4 W-5 %-250 ppm/°C
VISHAY
1206
R79
390 k
Ω
AXIAL film res-1/8 W-5 %-100
ppm/°C
VISHAY
AXIAL 1.6x3.6 mm
R80
82 k
Ω
SMD film res-1/8 W-1 %-100 ppm/°C
VISHAY
0805
R81
27 k
Ω
SMD film res-1/8 W-5 %-250 ppm/°C
VISHAY
0805
R82
1 k
Ω
SMD film res-1/8 W- 5 %-250 ppm/°C
VISHAY
0805
R83
27 k
Ω
SMD film res-1/8 W-5 %-250 ppm/°C
VISHAY
0805
R84
12 k
Ω
SMD film res-1/8 W-5 %-250 ppm/°C
VISHAY
0805
R86
120 k
Ω
SMD film res-1/8 W-1 %-100 ppm/°C
VISHAY
0805
R87
270 k
Ω
SMD film res-1/8 W-5 %-250 ppm/°C
VISHAY
0805
R88
39 k
Ω
SMD film res-1/8 W-1 %-100 ppm/°C
VISHAY
0805
R89
47 k
Ω
SMD film res-1/8 W-1 %-100 ppm/°C
VISHAY
0805
R90
10
Ω
SMD film res-1/4 W-5 %-250 ppm/°C
VISHAY
1206
R91
220 k
Ω
SMD film res-1/4 W-5 %-250 ppm/°C
VISHAY
1206
R92
2.7 k
Ω
SMD film res-1/8 W-5 %-250 ppm/°C
VISHAY
0805
R93
2.2
Ω
AXIAL film res-1/8 W-5 %-100
ppm/°C
VISHAY
AXIAL 1.6x3.6 mm
R94
22 k
Ω
AXIAL film res-1/8 W-5 %-100
ppm/°C
VISHAY
AXIAL 1.6x3.6 mm
R95
1 k
Ω
SMD film res-1/8 W-5 %-250 ppm/°C
VISHAY
0805
R96
0.47
Ω
RSMF1TB metal film res-1 W- 2 %
AKANE OHM
PTH
R97
4.7 M
Ω
SMD film res-1/8 W-1 %-100 ppm/°C
VISHAY
0805
R98
1 k
Ω
SMD film res-1/8 W-5 %-250 ppm/°C
VISHAY
0805
R99
150 k
Ω
SMD film res-1/4 W-1 %-100 ppm/°C
VISHAY
1206
R100
150 k
Ω
SMD film res-1/4 W-1 %-100 ppm/°C
VISHAY
1206
RV1
300Vac
MOV-B72214S0301K101
EPCOS
15x5 mm P 7.5 mm
Table 3.
Bill of materials (continued)
Des.
Part type/
part value
Description
Supplier
Case style/package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com