Electronic Components Datasheet Search
  English  ▼

X  

AN3339 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN3339
Description  185 W power supply with PFC and standby supply for LED TV
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3339 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN3339 Datasheet HTML 12Page - STMicroelectronics AN3339 Datasheet HTML 13Page - STMicroelectronics AN3339 Datasheet HTML 14Page - STMicroelectronics AN3339 Datasheet HTML 15Page - STMicroelectronics AN3339 Datasheet HTML 16Page - STMicroelectronics AN3339 Datasheet HTML 17Page - STMicroelectronics AN3339 Datasheet HTML 18Page - STMicroelectronics AN3339 Datasheet HTML 19Page - STMicroelectronics AN3339 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
Functional check
AN3339
16/44
Doc ID 18449 Rev 2
In Figure 21 and 22 a short-circuit event has been captured. In this situation the VIPER27LN
works in hiccup mode, protecting the standby converter power components against
overheating. At short detection, the device internal circuitry stops the auxiliary converter
operation until the VDD has dropped down to VDD_RESTART.
Then the internal current source charging the VDD capacitor is activated until the VDDon has
been reached, when the VIPER27LN restarts switching. Hiccup cycles are repeated as long
as the short-circuit condition exists. The IC resumes normal operation only at short-circuit
removal.
Figure 17.
Standby supply OVP at 115 Vac - 60
Hz, full load
Figure 18.
Standby supply OVP at 230 Vac - 50
Hz, full load
CH2: 5 V stby
CH1: DRAIN (pin #8)
CH3: CONT (pin #3)
CH4: FB (pin #4)
CH2: VDD (pin #2)
CH1: DRAIN (pin #8)
CH3: 5 V stby
Figure 19.
Standby supply OVP at 115 Vac - 60
Hz, 0.5 A load
Figure 20.
Standby supply OVP at 115 Vac, 0.5
A load - detail
CH2: 5 V stby
CH1: DRAIN (pin #8)
CH3: CONT (pin #3)
CH4: FB (pin #4)
CH2: 5 V stby
CH1: DRAIN (pin #8)
CH3: CONT (pin #3)
CH4: FB (pin #4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com