Electronic Components Datasheet Search
  English  ▼

X  

AN3339 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN3339
Description  185 W power supply with PFC and standby supply for LED TV
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3339 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN3339 Datasheet HTML 7Page - STMicroelectronics AN3339 Datasheet HTML 8Page - STMicroelectronics AN3339 Datasheet HTML 9Page - STMicroelectronics AN3339 Datasheet HTML 10Page - STMicroelectronics AN3339 Datasheet HTML 11Page - STMicroelectronics AN3339 Datasheet HTML 12Page - STMicroelectronics AN3339 Datasheet HTML 13Page - STMicroelectronics AN3339 Datasheet HTML 14Page - STMicroelectronics AN3339 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
AN3339
Efficiency measurement
Doc ID 18449 Rev 2
11/44
Standby supply efficiency
Standby power supply efficiency has been measured and the results are plotted in Figure 3.
As shown, the efficiency during rated load operation is better than 82 %, at both nominal
mains voltages from 50 % to full load.
Figure 4 shows consumption at very light load, such as microprocessor and wake-up
circuitry. This measurement is representative of the significant low consumption from the
mains required for microprocessor powering. It should be mentioned that the standby supply
efficiency has been calculated measuring the input power at the input connector, including
power loss contribution due to all residual loads connected to mains before and after the
input bridge rectifier, such as the EMI filter and PFC dividers.
Figure 3.
Standby power supply efficiency
Figure 4.
Standby consumption



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com