Electronic Components Datasheet Search
  English  ▼

X  

AN3339 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN3339
Description  185 W power supply with PFC and standby supply for LED TV
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3339 Datasheet(HTML) 5 Page - STMicroelectronics

  AN3339 Datasheet HTML 1Page - STMicroelectronics AN3339 Datasheet HTML 2Page - STMicroelectronics AN3339 Datasheet HTML 3Page - STMicroelectronics AN3339 Datasheet HTML 4Page - STMicroelectronics AN3339 Datasheet HTML 5Page - STMicroelectronics AN3339 Datasheet HTML 6Page - STMicroelectronics AN3339 Datasheet HTML 7Page - STMicroelectronics AN3339 Datasheet HTML 8Page - STMicroelectronics AN3339 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
AN3339
List of figures
Doc ID 18449 Rev 2
5/44
Figure 49.
Thermal map at 115 Vac - 60 Hz, full load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
Figure 50.
Thermal map at 230 Vac - 50 Hz, full load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
Figure 51.
CE peak measurement at 115 Vac and full load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27
Figure 52.
CE peak measurement at 230 Vac and full load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27
Figure 53.
PFC coil electrical diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35
Figure 54.
PFC coil mechanical aspect . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 36
Figure 55.
Transformer electrical diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 37
Figure 56.
Transformer overall drawing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 38
Figure 57.
Flyback transformer electrical diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40
Figure 58.
Flyback transformer overall drawing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com