Electronic Components Datasheet Search
  English  ▼

X  

AN3339 Datasheet(PDF) 36 Page - STMicroelectronics

Part # AN3339
Description  185 W power supply with PFC and standby supply for LED TV
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3339 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button AN3339 Datasheet HTML 32Page - STMicroelectronics AN3339 Datasheet HTML 33Page - STMicroelectronics AN3339 Datasheet HTML 34Page - STMicroelectronics AN3339 Datasheet HTML 35Page - STMicroelectronics AN3339 Datasheet HTML 36Page - STMicroelectronics AN3339 Datasheet HTML 37Page - STMicroelectronics AN3339 Datasheet HTML 38Page - STMicroelectronics AN3339 Datasheet HTML 39Page - STMicroelectronics AN3339 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 44 page
background image
PFC coil specification
AN3339
36/44
Doc ID 18449 Rev 2
8
PFC coil specification
General description and characteristics
●
Application type: consumer, home appliance
●
Transformer type: open
●
Coil former: vertical type, 6+6 pins
●
Max. temp. rise: 45 °C
●
Max. operating ambient temperature: 60 °C
●
Mains insulation: n.a
●
Unit finishing: varnished
Electrical characteristics
●
Converter topology: boost, transition mode
●
Core type: PQ32/20-PC44 or equivalent
●
Min. operating frequency: 30 kHz
●
Typical operating frequency: 120 kHz
●
Primary inductance: 240 µH±15 % at 1 kHz-0.25 V (a)
Electrical diagram and winding characteristics
Figure 53.
PFC coil electrical diagram
a.
Measured between pins 1,2 and 5,6.
Table 4.
PFC coil winding data
Pins
Windings
RMS current
Number of turns
Wire type
8 - 11
AUX
0.05 Arms
3 spaced
φ 0.3 mm - G2
1,2 - 5,6
Primary
2.65 Arms
28
2x40
φ 0.1 mm - G2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com