Electronic Components Datasheet Search
  English  ▼

X  

AN3339 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN3339
Description  185 W power supply with PFC and standby supply for LED TV
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3339 Datasheet(HTML) 4 Page - STMicroelectronics

  AN3339 Datasheet HTML 1Page - STMicroelectronics AN3339 Datasheet HTML 2Page - STMicroelectronics AN3339 Datasheet HTML 3Page - STMicroelectronics AN3339 Datasheet HTML 4Page - STMicroelectronics AN3339 Datasheet HTML 5Page - STMicroelectronics AN3339 Datasheet HTML 6Page - STMicroelectronics AN3339 Datasheet HTML 7Page - STMicroelectronics AN3339 Datasheet HTML 8Page - STMicroelectronics AN3339 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
List of figures
AN3339
4/44
Doc ID 18449 Rev 2
List of figures
Figure 1.
EVL185W-LEDTV: 185 W demonstration board . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
Figure 2.
Electrical diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Figure 3.
Standby power supply efficiency . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Figure 4.
Standby consumption . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Figure 5.
EN61000-3-2 compliance at 230 Vac - 50 Hz, full load . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Figure 6.
JEITA-MITI compliance at 100 Vac - 50 Hz, full load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Figure 7.
EN61000-3-2 compliance at 230 Vac - 50 Hz, 75 W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Figure 8.
JEITA-MITI compliance at 100 Vac - 50 Hz, 75 W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Figure 9.
Standby supply waveforms at 115 Vac - 60 Hz - full load . . . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 10.
Standby supply waveforms at 230 Vac - 50 Hz - full load . . . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 11.
Standby supply waveforms at 400 Vdc, full load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Figure 12.
Standby supply o/p rectifiers PIV at 400 Vdc, full load . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Figure 13.
Standby supply 5 V ripple at 115 Vac - 60 Hz, full load . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Figure 14.
Standby supply startup at 115 Vac - 60 Hz, full load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Figure 15.
Standby supply burst mode at 230 Vac - 50 Hz, 10 mA load . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 16.
Standby supply burst mode at 230 Vac, 10 mA load - detail . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 17.
Standby supply OVP at 115 Vac - 60 Hz, full load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Figure 18.
Standby supply OVP at 230 Vac - 50 Hz, full load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Figure 19.
Standby supply OVP at 115 Vac - 60 Hz, 0.5 A load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Figure 20.
Standby supply OVP at 115 Vac, 0.5 A load - detail . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Figure 21.
Standby supply o/p short-circuit at 230 Vac - 50 Hz, full load . . . . . . . . . . . . . . . . . . . . . . 16
Figure 22.
Standby supply o/p short-circuit at 230 Vac, full load - detail . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 23.
Standby supply dynamic load at 115 Vac - 60 Hz - PFC off . . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 24.
Standby supply dynamic load at 115 Vac - 60 Hz - PFC on . . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 25.
PFC Vds and inductor current at 115 Vac - 60 Hz, full load . . . . . . . . . . . . . . . . . . . . . . . . 17
Figure 26.
PFC Vds and inductor current at 115 Vac, full load - detail . . . . . . . . . . . . . . . . . . . . . . . . 17
Figure 27.
PFC Vds and inductor current at 230 Vac - 50 Hz, full load . . . . . . . . . . . . . . . . . . . . . . . . 18
Figure 28.
PFC Vds and inductor current at 230 Vac, full load - detail . . . . . . . . . . . . . . . . . . . . . . . . 18
Figure 29.
L6564 signals (1) at 115 Vac - 60 Hz, full load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Figure 30.
L6564 signals (2) at 115 Vac - 60 Hz, full load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Figure 31.
Resonant stage waveforms at 115 Vac - 60 Hz, full load . . . . . . . . . . . . . . . . . . . . . . . . . . 19
Figure 32.
Resonant stage control signals at 115 Vac - 60 Hz, full load . . . . . . . . . . . . . . . . . . . . . . . 19
Figure 33.
12 V and 24 V rectifier PIV . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 34.
130 V rectifier PIV . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 35.
Startup at full load and 115 Vac by on/off signal . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 36.
Shut down at full load and 115 Vac by on/off signal . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 37.
Startup at full load and 115 Vac by on/off signal - detail. . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Figure 38.
12 V load transition . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Figure 39.
24 V load transition . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Figure 40.
130 V load transition . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Figure 41.
24 V current limitation at full load and 115 Vac - 60 Hz . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
Figure 42.
24 V short-circuit at full load and 115 Vac - 60 Hz . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
Figure 43.
12 V short-circuit at full load and 115 Vac - 60 Hz . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
Figure 44.
130 V short-circuit at full load and 115 Vac - 60 Hz . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
Figure 45.
OVP at full load and 115 Vac on 24 V output . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
Figure 46.
OVP at full load and 115 Vac on 12 V and 130 V outputs . . . . . . . . . . . . . . . . . . . . . . . . . 24
Figure 47.
Half cycle mains dip at full load and 115 Vac - 60 Hz. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
Figure 48.
Full cycle mains dip at full load and 115 Vac - 60 Hz . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com