Electronic Components Datasheet Search
  English  ▼

X  

AN3339 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN3339
Description  185 W power supply with PFC and standby supply for LED TV
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3339 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN3339 Datasheet HTML 6Page - STMicroelectronics AN3339 Datasheet HTML 7Page - STMicroelectronics AN3339 Datasheet HTML 8Page - STMicroelectronics AN3339 Datasheet HTML 9Page - STMicroelectronics AN3339 Datasheet HTML 10Page - STMicroelectronics AN3339 Datasheet HTML 11Page - STMicroelectronics AN3339 Datasheet HTML 12Page - STMicroelectronics AN3339 Datasheet HTML 13Page - STMicroelectronics AN3339 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
Efficiency measurement
AN3339
10/44
Doc ID 18449 Rev 2
2
Efficiency measurement
Table 1 and 2 show the overall efficiency, measured at both nominal mains voltages. At 230
Vac the full load efficiency is 93.3 % and at 115 Vac it is 90.8 %. Average efficiency
measured at 25 %, 50 %, 75 %, and 100 % of nominal load is higher than 90 %.
The average efficiency has been calculated according to ENERGY STAR® 2.0 criteria.
Results are summarized in the following figures.
Table 1.
Overall efficiency measured at 230 Vac and 115 Vac mains voltage
Test
230 V - 50 Hz
12 V
24 V
130 V
5 V
Pout[W]
Pin[W]
Eff.[%]
Vout
[V]
Iout
[A]
Vout
[V]
Iout
[A]
Vout
[V]
Iout
[A]
Vout
[V]
Iout
[A]
25 % load eff.
11.95
1.00
24.19
0.50
128.89
0.15
5.05
0.50
46.09
52.00
88.6
50 % load eff.
11.93
2.01
24.28
1.00
129.95
0.31
5.04
1.00
93.30
101.50
91.9
75 % load eff.
11.90
3.01
24.38
1.50
131.05
0.47
5.04
1.50
141.67
151.90
93.3
100 % load eff.
11.88
3.99
24.48
2.00
132.18
0.62
5.04
2.00
187.96
201.50
93.3
Average eff.
91.8
Test
115 V - 60 Hz
12 V
24 V
130 V
5 V
Pout[W]
Pin[W]
Eff.[%]
Vout
[V]
Iout
[A]
Vout
[V]
Iout
[A]
Vout
[V]
Iout
[A]
Vout
[V]
Iout
[A]
25 % load eff.
11.95
1.00
24.19
0.50
128.89
0.15
5.05
0.50
46.09
52.35
88.0
50 % load eff.
11.93
2.01
24.28
1.00
129.95
0.31
5.04
1.00
93.30
102.85
90.7
75 % load eff.
11.90
3.01
24.38
1.50
131.05
0.47
5.04
1.50
141.67
154.92
91.4
100 % load eff.
11.87
3.99
24.47
2.00
132.15
0.62
5.04
2.00
187.76
206.84
90.8
Average eff.
90.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com