Electronic Components Datasheet Search
  English  ▼

X  

AN4159 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN4159
Description  Hardware and software guidelines for use of the LPS331AP
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4159 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN4159 Datasheet HTML 3Page - STMicroelectronics AN4159 Datasheet HTML 4Page - STMicroelectronics AN4159 Datasheet HTML 5Page - STMicroelectronics AN4159 Datasheet HTML 6Page - STMicroelectronics AN4159 Datasheet HTML 7Page - STMicroelectronics AN4159 Datasheet HTML 8Page - STMicroelectronics AN4159 Datasheet HTML 9Page - STMicroelectronics AN4159 Datasheet HTML 10Page - STMicroelectronics AN4159 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
AN4159
Pin mapping
Doc ID 023639 Rev 3
7/27
3
Pin mapping
Table 1.
LPS331AP pin mapping details
Pin #
Name
Class
What to do
1
VDD_IO
IO supply
Power supply for I/Os (1.8 ~ 3.3 V)
2
NC
Don’t connect
3
NC
Don’t connect
4
SCL (I2C)
SPC (SPI)
In (open-drain)
In (open-drain)
External pull-up needed
(2.2 k
Ω ~ 10 kΩ to VDD_IO)
---
5
GND
Connect to PCB ground
6
SDA (I2C)
SDI (SPI 4W)
SDIO (SPI 3W)
I2C (open-drain)
SPI 4-wire data input
SPI 3-wire data bi-dir
External pull-up needed (2.2 k
Ω ~
10 k
Ω to VDD_IO)
7
SA0 (I2C)
SDO (SPI 4W)
NC (SPI 3W)
I2C slave address select
SPI 4-wire data output
Not connect SPI 3-wire
High (VDD_IO): 0xBA/BB I2C
slave address (best)
Low (GND_IO): 0xB8/B9 I2C slave
address
8CS
SPI slave select and
I2C/SPI mode selection
1 = VDD_IO: I2C mode
0 = GND: SPI mode
9
INT1
Interrupt 1 / data ready
Leave unconnected if unused
10
GND
Connect to PCB ground
11
INT2
Interrupt 2 / data ready
Leave unconnected if unused
12
GND_IO
Connect to PCB ground
13
GND
Connect to PCB ground
14
VDD
Core supply voltage
1.8 ~ 3.3 V very clean supply
(put 10 µF and 100 nF decoupling
caps near device)
15
VDD
1.8 ~ 3.3 V
16
GND
Connect to PCB ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com