Electronic Components Datasheet Search
  English  ▼

X  

AN4159 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN4159
Description  Hardware and software guidelines for use of the LPS331AP
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4159 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN4159 Datasheet HTML 6Page - STMicroelectronics AN4159 Datasheet HTML 7Page - STMicroelectronics AN4159 Datasheet HTML 8Page - STMicroelectronics AN4159 Datasheet HTML 9Page - STMicroelectronics AN4159 Datasheet HTML 10Page - STMicroelectronics AN4159 Datasheet HTML 11Page - STMicroelectronics AN4159 Datasheet HTML 12Page - STMicroelectronics AN4159 Datasheet HTML 13Page - STMicroelectronics AN4159 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
PCB design rules
AN4159
10/27
Doc ID 023639 Rev 3
Stencil design and solder paste application
The soldering paste thickness and pattern are important for the proper pressure sensor
mounting process.
●
Stainless steel stencils are recommended
●
Stencil thickness of 90 - 150 µm (3.5 - 6 mils) is recommended for screen printing
●
The final soldering paste thickness should allow proper cleaning of flux residuals and
clearance between sensor package and PCB
●
Stencil aperture should have a rectangular shape with dimensions up to 25 µm (1 mil)
smaller than PCB land
●
The openings of the stencil for the signal pads should be between 70 - 80% of the PCB
pad area
●
Optionally, for better solder paste release, the aperture walls should be trapezoidal and
the corners rounded
●
The fine IC leads pitch requires accurate alignment of the stencil to the PCB. The
stencil and printed circuit assembly should be aligned to within 25 µm (1 mil) prior to
application of the solder paste
Process consideration
In case of use of no self-cleaning solder paste, proper board washing after soldering must
be done to remove any possible source of leakage between pads due to flux residues.
The PCB soldering profile depends on the number, size and placement of components on
the board. The soldering profile should be defined by experience more than the pressure
sensor soldering profile only.
No solder material reflow on the side of the package is allowed since LGA packages show
metal trace out of package side.
Solder heat resistance and environmental specification:
The second level interconnect category on ST ECOPACK® lead-free package is marked on
the inner box label, in compliance with JEDEC Standard JESD97. Soldering conditions
maximum ratings are also marked on the same label.
LGA packages for pressure sensor are qualified for soldering heat resistance according to
JEDEC J-STD-020, in MSL3 condition.
4.1
Power supply and sequencing, fail-safe I/Os
There are 2 voltage supplies, VDD_IO and VDD in LPS331AP.
VDD is the core voltage supply to the internal circuits, power on reset, and sensor.
VDD_IO is the supply for the I2C blocks and interface signals.
The operating voltage for both VDD_IO and VDD is from 1.71 V to 3.6 V.
In order to prevent possible leakage in the operational condition, it is necessary to ensure
VDD_IO <= VDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com