Electronic Components Datasheet Search
  English  ▼

X  

AN4159 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN4159
Description  Hardware and software guidelines for use of the LPS331AP
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4159 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN4159 Datasheet HTML 13Page - STMicroelectronics AN4159 Datasheet HTML 14Page - STMicroelectronics AN4159 Datasheet HTML 15Page - STMicroelectronics AN4159 Datasheet HTML 16Page - STMicroelectronics AN4159 Datasheet HTML 17Page - STMicroelectronics AN4159 Datasheet HTML 18Page - STMicroelectronics AN4159 Datasheet HTML 19Page - STMicroelectronics AN4159 Datasheet HTML 20Page - STMicroelectronics AN4159 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
AN4159
Software
Doc ID 023639 Rev 3
17/27
General presentation of the concept
A linear pressure temperature compensation is implemented in the ASIC, using 3
embedded sensor calibration point information.
A second order of accuracy can be achieved (less pressure variation when temperature
changes) by implementing a quadratic compensation (second order polynomial
approximation) on top of the piecewise linear (PWL) one, by S/W, using the same calibration
data built-in the sensor registers.
Here we describe the basic quadratic concept, assuming the T0 = 10 °C:
Figure 7.
Overview first to second order compensation
●
Input parameters: TCV1, TCV2, TCS1, TCS2, Dgain
●
Constants parameter: T1=480*(10-42.5)LSB; T2=0 LSB, T3=480*(70-42.5) LSB;
P0=1000mbar.
Step 1: pressure calibration points calculation
Equation 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com