Electronic Components Datasheet Search
  English  ▼

X  

AN4159 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN4159
Description  Hardware and software guidelines for use of the LPS331AP
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4159 Datasheet(HTML) 4 Page - STMicroelectronics

  AN4159 Datasheet HTML 1Page - STMicroelectronics AN4159 Datasheet HTML 2Page - STMicroelectronics AN4159 Datasheet HTML 3Page - STMicroelectronics AN4159 Datasheet HTML 4Page - STMicroelectronics AN4159 Datasheet HTML 5Page - STMicroelectronics AN4159 Datasheet HTML 6Page - STMicroelectronics AN4159 Datasheet HTML 7Page - STMicroelectronics AN4159 Datasheet HTML 8Page - STMicroelectronics AN4159 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
Pressure sensor demonstration boards
AN4159
4/27
Doc ID 023639 Rev 3
1
Pressure sensor demonstration boards
UNICO/eMotion demonstration system: [STEVAL-MKI109V2] + [STEVAL-MKI120V1].
Figure 1.
STEVAL-MKI120V1 LPS331AP adapter, STEVAL-MKI109V2 MEMS
motherboard
The STEVAL-MKI109V2 is a motherboard designed to provide users with a complete,
ready-to-use platform for the demonstration of STMicroelectronics’ MEMS products. The
board features a DIL24 socket to mount all available adapters for both digital and analog
output MEMS devices.
The motherboard includes a high-performance 32-bit microcontroller, which functions as a
bridge between the sensor and a PC, on which it is possible to use the downloadable
graphical user interface (GUI), or dedicated software routines for customized applications.
Figure 2.
STEVAL-MKI120V1 LPS331AP adapter
The STEVAL-MKI120V1 adapter board is designed to facilitate the demonstration of the
LPS331AP product. The board offers an effective solution for fast system prototyping and
device evaluation directly within the user’s own application.
The STEVAL-MKI120V1 can be plugged into a standard DIL 24 socket. The adapter
provides the complete LPS331AP pinout and comes ready-to-use with the required
decoupling capacitors on the VDD power supply line.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com