Electronic Components Datasheet Search
  English  ▼

X  

AN4159 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN4159
Description  Hardware and software guidelines for use of the LPS331AP
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4159 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN4159 Datasheet HTML 8Page - STMicroelectronics AN4159 Datasheet HTML 9Page - STMicroelectronics AN4159 Datasheet HTML 10Page - STMicroelectronics AN4159 Datasheet HTML 11Page - STMicroelectronics AN4159 Datasheet HTML 12Page - STMicroelectronics AN4159 Datasheet HTML 13Page - STMicroelectronics AN4159 Datasheet HTML 14Page - STMicroelectronics AN4159 Datasheet HTML 15Page - STMicroelectronics AN4159 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
Using the device step-by-step, from basic to advanced
AN4159
12/27
Doc ID 023639 Rev 3
100 °C = 0x6BD0, 0 °C = 0xB050
5.1.2
Power optimization and estimation
●
Pavg = bit [3..0] of I2C register @0x10 (LPS331AP_RES_ADDR)
●
Tavg = bit [6..4] of I2C register @0x10 (LPS331AP_RES_ADDR)
Stand-by: The minimum power consumption is when the device is in PD=0 AND the
interrupt pins are not configured to drain current.
Operating: The power consumption depends on HW averaging and AutoRefresh frequency.
In one shot mode, the device automatically goes stand by when measurement is completed.
The right compromise between consumption, update speed and software filtering has to be
tuned application by application.
●
Icc = [1 µA/Hz + 48 nA/Hz*Pavg] * ODRP + 32 nA/Hz * Tavg * ODRT
ODRP= ODR Pressure (Hz)
ODRT= ODR Temperature (Hz)
Pavg=nPAve= Pressure Average (1,2,4…512)
Tavg=nTAve= Temperature Average (1,2,4..128)
●
Examples 1:
ODRT=ODR Temperature=25 Hz
ODRP=ODR Pressure=25 Hz
Pavg=Pressure average=512
Tavg=Temperature Average=64
Icc=690 µA (Vdd independent at first approximation)
Table 2.
Resolution mode
T_RES=bit[6..4]@0x10
Tavg
P_RES=bit[3:0]@0x10
Pavg
01
01
12
12
24
24
38
38
416
4
16
532
5
32
664
6
64
71287128
8
256
9
384
A
512



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com