Electronic Components Datasheet Search
  English  ▼

X  

AN2523 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN2523
Description  Migrating from STR91xF to STR91xFA
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2523 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN2523 Datasheet HTML 7Page - STMicroelectronics AN2523 Datasheet HTML 8Page - STMicroelectronics AN2523 Datasheet HTML 9Page - STMicroelectronics AN2523 Datasheet HTML 10Page - STMicroelectronics AN2523 Datasheet HTML 11Page - STMicroelectronics AN2523 Datasheet HTML 12Page - STMicroelectronics AN2523 Datasheet HTML 13Page - STMicroelectronics AN2523 Datasheet HTML 14Page - STMicroelectronics AN2523 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
AN2523
Functional changes and silicon fixes in STR91xFA
11/23
Impact: RTC crystal is not required for Idle mode and can be removed if all other RTC
related functionality is not needed.
Functional Fix: Exit from Sleep and Idle Mode
Description: The STR91xF may fetch incorrect instruction from the Flash memory after a
wake up interrupt from low power mode. The work around is to execute the power mode
switching routine in the SRAM instead of the Flash memory. This problem is fixed in
STR91xFA and the CPU can fetch the correct instruction from Flash memory.
Impact: The workaround solution for the STR91xF is still good. Option: the power mode
switching routine can be moved back to the Flash memory in the STR91xFA.
Functional Fix: Entering Idle and Sleep Mode
Description: After the Sleep mode or Idle mode bit is set in the SCU_PWRMNG register,
the Power Management Unit requires a period of time to switch off all the CPU and
peripheral clocks safely before entering low power mode. Any wake up event occurring
within this period of time is ignored. In STR91xFA device, this problem is fixed in Idle mode.
The Sleep mode will still require a period of time to enter the mode. This time period is
depending on the frequency of the CPU clock and the slowest Peripheral clock. Please refer
to the reference manual for the Sleep Mode timing calculation.
Impact: A wake up event that is activated during the Sleep Mode entry time will be ignored
by the CPU.
6.5
Clock control
Functional Fix: Clock Switching Problem/PLL configuration
Description: Disabling the PLL when it was driving the CPU clock or doing so too soon
after switching clock sources could cause the CPU to enter a hung state. Recovery was not
possible with a system reset; a full power down and restart was needed. This problem has
been fixed in STR91xFA. The state machine controlling system clock generation now
guarantees smooth clock switching. It disallows disabling of the PLL or updating the
SCU_PLLCONF register while the PLL is driving the system clock. The PLL is updated only
after the CPU clock is switched over to the OSC.
Impact: If software workarounds (as stated in the STR91xF Errata Sheet, section 1.14) to
avoid clock switching problems are already implemented in your software, no change is
needed for STR91xFA. Otherwise, follow the steps below to change PLL clock configuration
while the CPU is running on the PLL clock:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com