Electronic Components Datasheet Search
  English  ▼

X  

AN2523 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN2523
Description  Migrating from STR91xF to STR91xFA
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2523 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN2523 Datasheet HTML 10Page - STMicroelectronics AN2523 Datasheet HTML 11Page - STMicroelectronics AN2523 Datasheet HTML 12Page - STMicroelectronics AN2523 Datasheet HTML 13Page - STMicroelectronics AN2523 Datasheet HTML 14Page - STMicroelectronics AN2523 Datasheet HTML 15Page - STMicroelectronics AN2523 Datasheet HTML 16Page - STMicroelectronics AN2523 Datasheet HTML 17Page - STMicroelectronics AN2523 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
Functional changes and silicon fixes in STR91xFA
AN2523
14/23
6.10
Flash memory
Functional Fix: Flash erase and programming
Description: The Dual Bank Flash architecture in the STR91x supports the modification
(erase or programming) of one Flash bank while the CPU is fetching codes from the other
bank (RWW - read while write operation). This feature in the STR91x is functional only when
the Flash bus clock (FMI Clock) frequency is 25 MHz or lower. At higher clock frequency, the
CPU may read incorrect code or status from the Flash banks. The Flash modification
problem affects both the dual banks and the OTP sector.
Impact: This problem is fixed in STR91xFA and the Flash memory can be erased or
programmed at 96 MHz. The workaround solution for STR91xF remains good in the
STR91xFA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com