Electronic Components Datasheet Search
  English  ▼

X  

AN2523 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN2523
Description  Migrating from STR91xF to STR91xFA
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2523 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN2523 Datasheet HTML 8Page - STMicroelectronics AN2523 Datasheet HTML 9Page - STMicroelectronics AN2523 Datasheet HTML 10Page - STMicroelectronics AN2523 Datasheet HTML 11Page - STMicroelectronics AN2523 Datasheet HTML 12Page - STMicroelectronics AN2523 Datasheet HTML 13Page - STMicroelectronics AN2523 Datasheet HTML 14Page - STMicroelectronics AN2523 Datasheet HTML 15Page - STMicroelectronics AN2523 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
Functional changes and silicon fixes in STR91xFA
AN2523
12/23
1.
Switch the CPU Master clock source to the OSC by setting bits [1:0] in the
SCU_CLKCNTR register to "10".
2.
Write the new configuration to the SCU_PLLCONF register (write the new P, N and M
values with the PLL_EN enable bit set to "0").
3.
The SCU_PLLCONF register will be updated after the clock has been switched to the
OSC.
4.
If you need the CPU to run at the new PLL clock frequency, write to the
SCU_PLLCONF register again with the new P, N and M values AND the PLL_EN bit set
to "1".
5.
Switch the CPU clock source back to the PLL clock by setting bit[1:0] in the
SCU_CLKCNTR register to "00".
6.
The CPU Master clock will switch automatically from the OSC to the PLL once the
LOCK bit is set. Do not initiate another SCU_PLLCONF register change before the
LOCK bit is set.
6.6
UART
Functional Fix: UART FIFO Overflow Flag
Description: In STR91xF devices, there was a condition in which received data could be
lost due to FIFO overflow, but no indication of the FIFO having overflowed was given. The
condition arose when the FIFO was full, and there was a simultaneous read from the data
register and arrival of new data. In that case the arriving data was not stored, but neither
was an overflow signaled. This has been fixed in STR91xFA.
Impact: Overflow is now properly signaled in all cases where data is lost.
6.7
LVD (Low Voltage Detector)
Functional Fix: LVD and VDD fall time requirement
Description: The STR91xF generates an internal reset signal when the VDD power supply
drops below the LVD (Low Voltage Detect) threshold level. If the rate of fall of VDD voltage is
less than 100 µs as VDD drops from 1.8 V through the 1.4 V threshold, the Low Voltage
Detector logic will not generate the internal reset signal. A workaround solution is to use an
external reset supervisor device to drive the RESET_INn input pin. This problem is fixed in
STR91xFA devices
Impact: If an external reset supervisor device is used as a workaround solution, there is no
need to make any changes and no impact on the STR91xFA.
Functional Fix: LVD logic may hold reset active inappropriately
Description: The LVD logic in STR91xF is able to detect the first occurrence of a VDD or
VDDQ voltage drop that goes below the threshold voltage and it correctly generates an
internal reset signal to the CPU and system. However, for subsequent drops of VDD or
VDDQ voltage below threshold, the LVD logic generates an active internal reset signal, but
the signal remains active (is stuck) even after VDD or VDDQ rises above the threshold
again.
The CPU is hung in a state of reset. A power cycle is needed on VDD to clear the stuck
reset and release the CPU. The problem is fixed in STR91xFA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com