Electronic Components Datasheet Search
  English  ▼

X  

AN2523 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN2523
Description  Migrating from STR91xF to STR91xFA
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2523 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN2523 Datasheet HTML 15Page - STMicroelectronics AN2523 Datasheet HTML 16Page - STMicroelectronics AN2523 Datasheet HTML 17Page - STMicroelectronics AN2523 Datasheet HTML 18Page - STMicroelectronics AN2523 Datasheet HTML 19Page - STMicroelectronics AN2523 Datasheet HTML 20Page - STMicroelectronics AN2523 Datasheet HTML 21Page - STMicroelectronics AN2523 Datasheet HTML 22Page - STMicroelectronics AN2523 Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
Enhancements in the STR91xFA devices
AN2523
20/23
STR91xFA devices, the clearing of the MC_ESC register is performed by hardware
automatically right after the "4321h" write cycle. This feature is enabled by bit 8 (HRE) in the
new MC_ECR register.
7.4
EMI bus enhancement (BGA 144 package only)
In addition to the LQFP80 and LQFG128 packages available in the STR91xF device family,
STR91xFA devices are offered in a new BGA144 package. Some of the additional I/O pins
available in the BGA package have been used to provide an enhanced External Memory
Interface (EMI). The enhanced interface supports PSRAM type burst mode memories.
7.4.1
Option to configure the new EMI_BCLK signal
Description: A bit was added in the GPIO external memory interface register (SCU_EMI) to
enable/disable the new external EMI_BCLK clock.
Bit 1 was added to the SCU_EMI register, defined as follows:
●
Bit 1 = 0: EMI_BCLK clock out is ENABLED (default)
●
Bit1 = 1: EMI_BCLK clock out is DISABLED
Impact: No impact for STR91xF users.
7.4.2
Option to configure the EMI_WRLn and EMI_WRHn pins
Description: A bit was added in the GPIO external memory interface register (SCU_EMI) to
configure the EMI_WRLn and WMI_WRHn pins.
Bit 2 was added to the SCU_EMI register, defined as follows:
●
Bit 2 = 0: The EMI pins function as EMI_WRLn and EMI_WRHn signals as in STR91xF
devices (default)
●
Bit 2 = 1: The EMI pins function as byte select signals (EMI_LBn and EMI_UBn)
Impact: No impact for STR91xF users.
7.4.3
Interface to PSRAM (burst mode)
Description: The BGA package brings out four new bus signals: EMI_BCLK, EMI_BAA,
EMI_WE and EMI_WAIT. It also provides options to program the EMI_WRLn and
EMI_WRHn signals as EMI_LBn (low byte select) and EMI_UBn (upper byte select). With
the additional bus control signals, the EMI is able to interface directly to a PSRAM.
In PSRAM mode, the EMI bus is configured as a 16-bit, multiplexed bus. The EMI_ALEn
signal is programmed with negative polarity and a 2-clock-wide pulse width to meet the
PSRAM's ADV# (address valid) timing requirement. The EMI address is latched by the
PSRAM at the rising edge of the BCLK while the EMI_ALEn is low. In a read bus cycle, the
EMI bus is tri-stated half a clock after the trailing edge of the EMI_ALE signal. The PSRAM
can then drive the bus when EMI_RDn becomes active.
The EMI bus can access the PSRAM memory array in asynchronous mode or in burst
mode.
However, the EMI bus must be in asynchronous mode when writing to the PSRAM bus
configuration register. The CRE signal, which is required to be high when writing to the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com