Electronic Components Datasheet Search
  English  ▼

X  

AN2523 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN2523
Description  Migrating from STR91xF to STR91xFA
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2523 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN2523 Datasheet HTML 13Page - STMicroelectronics AN2523 Datasheet HTML 14Page - STMicroelectronics AN2523 Datasheet HTML 15Page - STMicroelectronics AN2523 Datasheet HTML 16Page - STMicroelectronics AN2523 Datasheet HTML 17Page - STMicroelectronics AN2523 Datasheet HTML 18Page - STMicroelectronics AN2523 Datasheet HTML 19Page - STMicroelectronics AN2523 Datasheet HTML 20Page - STMicroelectronics AN2523 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
AN2523
Enhancements in the STR91xFA devices
17/23
7.3
Motor control enhancement
Like the ADC controller, the Induction Motor Controller was substantially enhanced for
STR91xFA. Also as with the ADC enhancements, the IMC enhancements were designed for
upward compatibility. There should be no software impact for applications developed for
STR91xF which do not specifically enable the enhancements. The only impacts are for new
applications that choose to make use of the enhancements.
The paragraphs below summarize the new features, and what they enable. The features are
controlled by two new control registers: an Enhance Control Register (MC_ECR) at offset
0x48, and a Lock Register (MC_LOK) at 0x4C.
7.3.1
Double update mode
Description: A Double Update Mode (DUM) is implemented, whereby the three phase
compare registers CMU, CMV, and CMW, along with the PWM clock compare register CM0,
can be updated from their respective preload registers when the PWM counter register hits
its maximum value as well as its minimum value (i.e., zero). The maximum value for the
PWM counter is the value set in the CM0 register. When the PWM counter increments up to
this value, it resets to zero (in classical mode) or reverses direction and begins counting
down to zero (in zero-centered mode).
DUM is only applicable in zero-centered mode, because in classical mode, the maximum
value for the PWM counter register is followed immediately by a clear to zero. The zero
value triggers a normal update cycle, which would make the DUM update on the maximum
counter value redundant.
Impact: When enabled through settings in register MC_ECR, the DUM doubles the
frequency of control value updates to the PWM counter compare registers. This provides a
finer granularity of PWM control. Since the reset values in MC_ECR disable DUM by default,
there is no impact to older software.
7.3.2
Lock bits
Description: A lock register, MC_LOK, has been added to prevent certain control register
bits from being inadvertently modified. A lock bit, once set, prevents its associated control
register bit or bits from being modified. The lock bits are "write once" bits; once a specific
lock bit is set, it cannot be cleared except through a system reset. Its format and a list of
associated control bits are shown below.
LOK0 - Locks PCR0(7,0), DTE and ODTS bits
LOK1 - Locks PCR1(6), EST_EN
LOK2 - Locks PSR(5:0), phase polarity bits PUH, PUL, PVH, PVL, PWH, PWL
LOK3 - Locks OPR(5:0), Output Peripheral Register bits
LOK4 - Locks DTG(5:0), Dead Time Generation Register
Table 5.
Lock register
Name
Address
Offset
15 14 13 12 11 1 0
9
8
7
6
5
lock bits LOKx
MC_LOK
4Ch
Reserved: all bits '0'
4
3
2
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com