Electronic Components Datasheet Search
  English  ▼

X  

AN2523 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN2523
Description  Migrating from STR91xF to STR91xFA
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2523 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN2523 Datasheet HTML 14Page - STMicroelectronics AN2523 Datasheet HTML 15Page - STMicroelectronics AN2523 Datasheet HTML 16Page - STMicroelectronics AN2523 Datasheet HTML 17Page - STMicroelectronics AN2523 Datasheet HTML 18Page - STMicroelectronics AN2523 Datasheet HTML 19Page - STMicroelectronics AN2523 Datasheet HTML 20Page - STMicroelectronics AN2523 Datasheet HTML 21Page - STMicroelectronics AN2523 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
Enhancements in the STR91xFA devices
AN2523
18/23
Impact: Lock bits can be used to simplify software development and add robustness. By
locking critical control register bits, the hardware can be protected from malfunctioning
software. In addition, locks on selected bits enable software to update other bits in the same
control registers without concern for changing the values of the locked bits.
7.3.3
Trigger ADC with PWM
Description: A capability was added to trigger an ADC conversion synchronized with the
PWM counter cycle. Four options are supported:
●
Don't generate an ADC trigger event (default)
●
Generate an ADC trigger when the PWM counter goes to zero ('ZPC')
●
Generate an ADC trigger when the PWM counter reaches its maximum ('CM0')
●
Generate an ADC trigger when the PWM counter goes to zero AND the pulse repetition
down counter is at zero (RDC = 0)
The choice among the above four options is made through the 2-bit ATS field (ADC Trigger
Selection) in the Enhance Control Register MC_ECR.
Impact: The ADC trigger capability enables control of "sensorless" PM or SR motors, in
which rotor position is inferred by tracking the back EMF or the inductance in one or more
stator coils after a drive pulse. It has no impact on software developed for earlier silicon
revisions.
7.3.4
16-bit PWM counter and compare registers
Description: The compare registers CP0, CPU, CPV, and CPW, as well as the PWM
counter itself, have been widened to 16 bits. Bit 5 of the Enhanced Control Register
MC_ECR (the 'EPWM' bit) controls whether or not the additional high order bits are used. In
normal mode, when EPWM = 0 (the default), the additional bits are masked to zero, and
operation of the PWM unit is identical to what it was in STR91xF. When EPWM is set to '1',
the additional high order bits are used. All compares between the PWM counter and the four
compare registers are then full 16-bit compares.
Impact: The wider compare registers enable finer granularity of PWM control, if needed.
They permit a larger step count for one PWM cycle, when the enhanced mode is selected.
For a given PWM cycle frequency, the PCM counter can be clocked at a higher frequency,
by using a smaller value in the PWM clock prescaler register, MC_CPRS. There is no impact
to older software when the default mode (normal) is used.
7.3.5
10-bit dead time counter
Description: The Dead Time Generator register, MC_DTG, has been widened from 6 bits
for the delay count to 10 bits. Whether the old 6-bit width or the new 10-bit width is used is
controlled by bit 4 of MC_ECR, the EDTC bit. When EDTC = 0 (default), the 6-bit width is
used. MC_DTG bits (9:6) are masked to zeros. When EDTC = 1 (enhance mode), all 10
MC_DTG bits are used to count delays.
Impact: Enables larger delay counts to be specified when a faster PWM counter clock is
used. No impact on previously developed software when default mode is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com