Electronic Components Datasheet Search
  English  ▼

X  

AN2586 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN2586
Description  Getting started with STM32F10xxx hardware development
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2586 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN2586 Datasheet HTML 7Page - STMicroelectronics AN2586 Datasheet HTML 8Page - STMicroelectronics AN2586 Datasheet HTML 9Page - STMicroelectronics AN2586 Datasheet HTML 10Page - STMicroelectronics AN2586 Datasheet HTML 11Page - STMicroelectronics AN2586 Datasheet HTML 12Page - STMicroelectronics AN2586 Datasheet HTML 13Page - STMicroelectronics AN2586 Datasheet HTML 14Page - STMicroelectronics AN2586 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
AN2586
Clocks
Doc ID 13675 Rev 7
11/28
2
Clocks
Three different clock sources can be used to drive the system clock (SYSCLK):
●
HSI oscillator clock (high-speed internal clock signal)
●
HSE oscillator clock (high-speed external clock signal)
●
PLL clock
The devices have two secondary clock sources:
●
40 kHz low-speed internal RC (LSI RC) that drives the independent watchdog and,
optionally, the RTC used for Auto-wakeup from the Stop/Standby modes.
●
32.768 kHz low-speed external crystal (LSE crystal) that optionally drives the real-time
clock (RTCCLK)
Each clock source can be switched on or off independently when it is not used, to optimize
the power consumption.
Refer to the STM32F10xxx or STM32F100xx reference manual (RM0008 or RM0041,
respectively) for a description of the clock tree:
●
RM0008 for STM32F101xx, STM32F102xx, STM32F103xx and STM32F105xx/107xx
microcontrollers
●
RM0041 for STM32F100xx value line microcontrollers
2.1
HSE OSC clock
The high-speed external clock signal (HSE) can be generated from two possible clock
sources:
●
HSE external crystal/ceramic resonator (see Figure 7)
●
HSE user external clock (see Figure 6)
1.
The value of REXT depends on the crystal characteristics. Typical value is in the range of 5 to 6 RS
(resonator series resistance).
2.
Load capacitance CL has the following formula: CL = CL1 x CL2 / (CL1 + CL2) + Cstray where: Cstray is the pin
capacitance and board or trace PCB-related capacitance. Typically, it is between 2 pF and 7 pF. Please
refer to Section 5: Recommendations on page 20 to minimize its value.
Figure 6.
External clock
Figure 7.
Crystal/ceramic resonators
OSC_OUT
OSC_IN
External source
(Hi-Z)
ai14369
Hardware configuration
OSC_OUT
OSC_IN
ai14370
STM32F10xxx
REXT
(1)
CL1
CL2
Hardware configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com