Electronic Components Datasheet Search
  English  ▼

X  

AN2586 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN2586
Description  Getting started with STM32F10xxx hardware development
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2586 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN2586 Datasheet HTML 14Page - STMicroelectronics AN2586 Datasheet HTML 15Page - STMicroelectronics AN2586 Datasheet HTML 16Page - STMicroelectronics AN2586 Datasheet HTML 17Page - STMicroelectronics AN2586 Datasheet HTML 18Page - STMicroelectronics AN2586 Datasheet HTML 19Page - STMicroelectronics AN2586 Datasheet HTML 20Page - STMicroelectronics AN2586 Datasheet HTML 21Page - STMicroelectronics AN2586 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
Debug management
AN2586
18/28
Doc ID 13675 Rev 7
4.3.2
Flexible SWJ-DP pin assignment
After reset (SYSRESETn or PORESETn), all five pins used for the SWJ-DP are assigned as
dedicated pins immediately usable by the debugger host (note that the trace outputs are not
assigned except if explicitly programmed by the debugger host).
However, the STM32F10xxx MCU implements a register to disable some part or all of the
SWJ-DP port, and so releases the associated pins for general-purpose I/Os usage. This
register is mapped on an APB bridge connected to the Cortex™-M3 system bus. This
register is programmed by the user software program and not by the debugger host.
Table 3 shows the different possibilities to release some pins.
For more details, see the STM32F10xxx (RM0008) and STM32F100xx (RM0041) reference
manuals, available from the STMicroelectronics website www.st.com.
Table 2.
Debug port pin assignment
SWJ-DP pin name
JTAG debug port
SW debug port
Pin
assignment
Type
Description
Type Debug assignment
JTMS/SWDIO
I
JTAG test mode
selection
I/O
Serial wire data
input/output
PA13
JTCK/SWCLK
I
JTAG test clock
I
Serial wire clock
PA14
JTDI
I
JTAG test data input
-
-
PA15
JTDO/TRACESWO
O
JTAG test data output
-
TRACESWO if async trace
is enabled
PB3
JNTRST
I
JTAG test nReset
-
-
PB4
Table 3.
SWJ I/O pin availability
Available Debug ports
SWJ I/O pin assigned
PA13 /
JTMS/
SWDIO
PA14 /
JTCK/
SWCLK
PA15 /
JTDI
PB3 /
JTDO
PB4/
JNTRST
Full SWJ (JTAG-DP + SW-DP) - reset state
X
X
X
X
X
Full SWJ (JTAG-DP + SW-DP) but without
JNTRST
XX
X
X
JTAG-DP disabled and SW-DP enabled
X
X
JTAG-DP disabled and SW-DP disabled
Released



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com