Electronic Components Datasheet Search
  English  ▼

X  

AN2586 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN2586
Description  Getting started with STM32F10xxx hardware development
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2586 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN2586 Datasheet HTML 20Page - STMicroelectronics AN2586 Datasheet HTML 21Page - STMicroelectronics AN2586 Datasheet HTML 22Page - STMicroelectronics AN2586 Datasheet HTML 23Page - STMicroelectronics AN2586 Datasheet HTML 24Page - STMicroelectronics AN2586 Datasheet HTML 25Page - STMicroelectronics AN2586 Datasheet HTML 26Page - STMicroelectronics AN2586 Datasheet HTML 27Page - STMicroelectronics AN2586 Datasheet HTML 28Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
AN2586
Reference design
Doc ID 13675 Rev 7
25/28
Table 6.
Reference connection for all packages
Pin name
Pin numbers for LQFP packages
Pin numbers for
BGA packages
Pin numbers for
VFQFPN package
144 pins
100 pins
64 pins
48 pins 144 pins 100 pins
36 pins
OSC_IN
23
12
5
5
D1
C1
2
OSC_OUT
24
13
6
6
E1
D1
3
PC15-
OSC32_OUT
99
4
4
C1
B1
-
PC14-
OSC32_IN
8
8
3
3
B1
A1
-
BOOT0
138
94
60
44
D5
D5
35
PB2-BOOT1
48
37
28
20
J5
G5
17
NRST
25
14
7
7
F1
E1
4
PA13
105
72
46
34
A12
A10
25
PA14
109
76
49
37
A11
A9
28
PA15
110
77
50
38
A10
A8
29
PB4
134
90
56
40
A6
A6
31
PB3
133
89
55
39
A7
A7
30
VSS_1
71
49
31
23
H7
E7
18
VSS_2
107
74
47
35
G9
E6
26
VSS_3
143
99
63
47
E5
E5
36
VSS_4
38
27
18
-
G4
E4
-
VSS_5
16
10
-
-
D2
C2
-
VSS_6
51
-
-
-
H5
-
-
VSS_7
61
-
-
-
H6
-
-
VSS_8
83
-
-
-
G8
-
-
VSS_9
94
-
-
-
G10
-
-
VSS_10
120
-
-
-
E7
-
-
VSS_11
130
-
-
-
E6
-
VDD_1
72
50
32
24
G7
F7
19
VDD_2
108
75
48
36
F9
27
VDD_3
144
100
64
48
F5
F5
1
VDD_4
39
28
19
-
F4
F4
-
VDD_5
17
11
-
-
D3
D2
-
VDD_6
52
-
-
-
G5
-
-
VDD_7
62
-
-
-
G6
-
-
VDD_8
84
-
-
-
F8
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com