Electronic Components Datasheet Search
  English  ▼

X  

AN2586 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN2586
Description  Getting started with STM32F10xxx hardware development
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2586 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN2586 Datasheet HTML 8Page - STMicroelectronics AN2586 Datasheet HTML 9Page - STMicroelectronics AN2586 Datasheet HTML 10Page - STMicroelectronics AN2586 Datasheet HTML 11Page - STMicroelectronics AN2586 Datasheet HTML 12Page - STMicroelectronics AN2586 Datasheet HTML 13Page - STMicroelectronics AN2586 Datasheet HTML 14Page - STMicroelectronics AN2586 Datasheet HTML 15Page - STMicroelectronics AN2586 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
Clocks
AN2586
12/28
Doc ID 13675 Rev 7
2.1.1
External source (HSE bypass)
In this mode, an external clock source must be provided. It can have a frequency of up to:
●
24 MHz for STM32F100xx value line devices
●
25 MHz for STM32F101xx, STM32F102xx and STM32F103xx devices
●
50 MHz for connectivity line devices
The external clock signal (square, sine or triangle) with a duty cycle of about 50%, has to
drive the OSC_IN pin while the OSC_OUT pin must be left in the high impedance state (see
Figure 7 and Figure 6).
2.1.2
External crystal/ceramic resonator (HSE crystal)
The external oscillator frequency ranges from:
●
4 to 16 MHz on STM32F101xx, STM32F102xx and STM32F103xx devices
●
4 to 24 MHz for STM32F100xx value line devices
●
3 to 25 MHz on connectivity line devices
The external oscillator has the advantage of producing a very accurate rate on the main
clock. The associated hardware configuration is shown in Figure 7.
The resonator and the load capacitors have to be connected as close as possible to the
oscillator pins in order to minimize output distortion and startup stabilization time. The load
capacitance values must be adjusted according to the selected oscillator.
For CL1 and CL2 it is recommended to use high-quality ceramic capacitors in the 5 pF-to-
25 pF range (typ.), designed for high-frequency applications and selected to meet the
requirements of the crystal or resonator. CL1 and CL2, are usually the same value. The
crystal manufacturer typically specifies a load capacitance that is the series combination of
CL1 and CL2. The PCB and MCU pin capacitances must be included when sizing CL1 and
CL2 (10 pF can be used as a rough estimate of the combined pin and board capacitance).
Refer to the electrical characteristics sections in the datasheet of your product for more
details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com