Electronic Components Datasheet Search
  English  ▼

X  

AN2586 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN2586
Description  Getting started with STM32F10xxx hardware development
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2586 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN2586 Datasheet HTML 12Page - STMicroelectronics AN2586 Datasheet HTML 13Page - STMicroelectronics AN2586 Datasheet HTML 14Page - STMicroelectronics AN2586 Datasheet HTML 15Page - STMicroelectronics AN2586 Datasheet HTML 16Page - STMicroelectronics AN2586 Datasheet HTML 17Page - STMicroelectronics AN2586 Datasheet HTML 18Page - STMicroelectronics AN2586 Datasheet HTML 19Page - STMicroelectronics AN2586 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
Boot configuration
AN2586
16/28
Doc ID 13675 Rev 7
3.3
Embedded boot loader mode
The Embedded boot loader mode is used to reprogram the Flash memory using one of the
available serial interfaces:
●
In low-density, low-density value line, medium-density, medium-density value line, and
high-density devices, the boot loader is activated through the USART1 interface. For
further details please refer to AN2606.
●
In XL-density devices, the boot loader is activated through the USART1 or USART2
(remapped) interface. For further details please refer to AN2606.
●
In connectivity line devices the boot loader can be activated through one of the
following interfaces: USART1, USART2 (remapped), CAN2 (remapped) or USB OTG
FS in Device mode (DFU: device firmware upgrade).
The USART peripheral operates with the internal 8 MHz oscillator (HSI). The CAN and
USB OTG FS, however, can only function if an external 8 MHz, 14.7456 MHz or 25
MHz clock (HSE) is present. For further details, please refer to AN2662.
This embedded boot loader is located in the System memory and is programmed by ST
during production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com