Electronic Components Datasheet Search
  English  ▼

X  

AN2586 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN2586
Description  Getting started with STM32F10xxx hardware development
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2586 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN2586 Datasheet HTML 13Page - STMicroelectronics AN2586 Datasheet HTML 14Page - STMicroelectronics AN2586 Datasheet HTML 15Page - STMicroelectronics AN2586 Datasheet HTML 16Page - STMicroelectronics AN2586 Datasheet HTML 17Page - STMicroelectronics AN2586 Datasheet HTML 18Page - STMicroelectronics AN2586 Datasheet HTML 19Page - STMicroelectronics AN2586 Datasheet HTML 20Page - STMicroelectronics AN2586 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
AN2586
Debug management
Doc ID 13675 Rev 7
17/28
4
Debug management
4.1
Introduction
The Host/Target interface is the hardware equipment that connects the host to the
application board. This interface is made of three components: a hardware debug tool, a
JTAG or SW connector and a cable connecting the host to the debug tool.
Figure 11 shows the connection of the host to the evaluation board (STM3210B-EVAL,
STM3210C-EVAL, STM32100B-EVAL or STM3210E-EVAL).
The Value line evaluation board (STM32100B-EVAL or STM32100E-EVAL) embeds the
debug tools (ST-LINK). Consequently, it can be directly connected to the PC through a USB
cable.
Figure 11.
Host-to-board connection
4.2
SWJ debug port (serial wire and JTAG)
The STM32F10xxx core integrates the serial wire / JTAG debug port (SWJ-DP). It is an
ARM® standard CoreSight™ debug port that combines a JTAG-DP (5-pin) interface and a
SW-DP (2-pin) interface.
●
The JTAG debug port (JTAG-DP) provides a 5-pin standard JTAG interface to the AHP-
AP port
●
The serial wire debug port (SW-DP) provides a 2-pin (clock + data) interface to the
AHP-AP port
In the SWJ-DP, the two JTAG pins of the SW-DP are multiplexed with some of the five JTAG
pins of the JTAG-DP.
4.3
Pinout and debug port pins
The STM32F10xxx MCU is offered in various packages with different numbers of available
pins. As a result, some functionality related to the pin availability may differ from one
package to another.
4.3.1
SWJ debug port pins
Five pins are used as outputs for the SWJ-DP as alternate functions of general-purpose
I/Os (GPIOs). These pins, shown in Table 2, are available on all packages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com