Electronic Components Datasheet Search
  English  ▼

X  

LTC1155 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1155
Description  Dual High Side Micropower MOSFET Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1155 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1155 Datasheet HTML 3Page - Linear Technology LTC1155 Datasheet HTML 4Page - Linear Technology LTC1155 Datasheet HTML 5Page - Linear Technology LTC1155 Datasheet HTML 6Page - Linear Technology LTC1155 Datasheet HTML 7Page - Linear Technology LTC1155 Datasheet HTML 8Page - Linear Technology LTC1155 Datasheet HTML 9Page - Linear Technology LTC1155 Datasheet HTML 10Page - Linear Technology LTC1155 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LTC1155
7
1155fb
For more information www.linear.com/LTC1155
APPLICATIONS INFORMATION
For this example, we assume a worst-case scenario; i.e.,
that the power supply to the power MOSFET is “hard” and
provides a constant 5V regardless of the current. In this
case, the current is limited by the RDS(ON) of the MOSFET
and the drain sense resistance. Therefore:
IPEAK = VSUPPLY/0.08Ω
= 62.5A
The drop across the drain sense resistor under these
conditions is much larger than 100mV and is equal to the
drain current times the sense resistance:
VDROP = (IPEAK)(RSEN)
= 1.88V
By consulting the power MOSFET data sheet SOA graph,
we note that the IRLZ34 is capable of delivering 62.5A at a
drain-to-sourcevoltageof3.12Vforapproximately10ms.
An RC time constant can now be calculated which satisfies
this requirement:
RC
=
–t
In 1
−
VSEN
RSEN •IMAX
RC
=
– 0.01
In 1
−
0.10
0.030
• 62.5
= –0.01/–0.054
= 182ms
This time constant should be viewed as a maximum
safe delay time and should be reduced if the competing
requirement of starting a high inrush current load is less
stringent; i.e., if the inrush time period is calculated at
20ms, the RC time constant should be set at roughly two
or three times this time period and not at the maximum
of 182ms. A 60ms time constant would be produced
with a 270k resistor and a 0.22µF capacitor (as shown in
Figure 1).
Graphical Approach to Selecting RDLY and CDLY
Figure 2 is a graph of normalized overcurrent shutdown
time versus normalized MOSFET current. This graph can
be used instead of the above equation to calculate the RC
time constant. The Y axis of the graph is normalized to
one RC time constant. The X axis is normalized to the set
current. (The set current is defined as the current required
to develop 100mV across the drain sense resistor).
MOSFET CURRENT (1 = SET CURRENT)
1
0.01
0.1
1
10
5
10
20
100
1155 F02
2
50
Figure 2. Shutdown Time vs MOSFET Current
Note that the shutdown time is shorter for increasing
levels of MOSFET current. This ensures that the total
energy dissipated by the MOSFET is always within the
bounds established by the MOSFET manufacturer for
safe operation.
In the example presented above, we established that the
power MOSFET should not be allowed to pass 62.5A for
more than 10ms. 62.5A is roughly 18 times the set cur-
rent of 3.3A. By drawing a line up from 18 and reflecting
it off the curve, we establish that the RC time constant
should be set at 10ms divided by 0.054, or 180ms. Both
methods result in the same conclusion.
Using a Speed Up Diode
A way to further reduce the amount of time that the power
MOSFET is in a short-circuit condition is to “bypass”the
delay resistor with a small signal diode as shown in Fig-
ure 3. The diode will engage when the drop across the
drain sense resistor exceeds 0.7V, providing a direct path



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com