Electronic Components Datasheet Search
  English  ▼

X  

LTC1155 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1155
Description  Dual High Side Micropower MOSFET Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1155 Datasheet(HTML) 5 Page - Linear Technology

  LTC1155 Datasheet HTML 1Page - Linear Technology LTC1155 Datasheet HTML 2Page - Linear Technology LTC1155 Datasheet HTML 3Page - Linear Technology LTC1155 Datasheet HTML 4Page - Linear Technology LTC1155 Datasheet HTML 5Page - Linear Technology LTC1155 Datasheet HTML 6Page - Linear Technology LTC1155 Datasheet HTML 7Page - Linear Technology LTC1155 Datasheet HTML 8Page - Linear Technology LTC1155 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LTC1155
5
1155fb
For more information www.linear.com/LTC1155
PIN FUNCTIONS
The supply pin of the LTC1155 should not be forced below
ground as this may result in permanent damage to the
device. A 300Ω resistor should be inserted in series with
the ground pin if negative supply voltages are anticipated.
Drain Sense Pin
As noted previously, the drain sense pin is compared
against the supply pin voltage. If the voltage at this pin is
more than 100mV below the supply pin, the input latch will
be reset and the MOSFET gate will be quickly discharged.
Cycle the input to reset the short-circuit latch and turn the
MOSFET back on.
This pin is also a high impedance CMOS gate with ESD
protection and, therefore, should not be forced beyond the
power supply rails. To defeat the over current protection,
short the drain sense to supply.
Some loads, such as large supply capacitors, lamps or
motors require high inrush currents. An RC time delay
must be added between the sense resistor and the drain
sense pin to ensure that the drain sense circuitry does not
false trigger during start-up. This time constant can be
set from a few microseconds to many seconds. However,
very long delays may put the MOSFET in risk of being
destroyed by a short-circuit condition (see Applications
Information section).
BLOCK DIAGRAM
OPERATION
1155 BD
GATE
ONE
SHOT
FAST/SLOW
GATE CHARGE
LOGIC
OSCILLATOR
AND CHARGE
PUMP
INPUT
LATCH
GATE CHARGE
AND DISCHARGE
CONTROL LOGIC
R
S
10µs
DELAY
COMP
100mV
REFERENCE
DRAIN
SENSE
ANALOG SECTION
ANALOG
DIGITAL
TTL-TO-CMOS
CONVERTER
VS
IN
LOW STANDBY
CURRENT
REGULATOR
GND
VOLTAGE
REGULATORS
The LTC1155 contains two independent power MOSFET
gate drivers and protection circuits (refer to the Block
Diagram for details). Each half of the LTC1155 consists
of the following functional blocks:
TTL and CMOS Compatible Inputs
Each driver input has been designed to accommodate a
wide range of logic families. The input threshold is set at
1.3V with approximately 100mV of hysteresis.
A voltage regulator with low standby current provides
continuous bias for the TTL to CMOS converters. The TTL
to CMOS converter output enables the rest of the circuitry.
In this way the power consumption is kept to a minimum
in the standby mode.
Internal Voltage Regulation
The output of the TTL to CMOS converter drives two
regulated supplies which power the low voltage CMOS
logic and analog blocks. The regulator outputs are isolated
from each other so that the noise generated by the charge
pump logic is not coupled into the 100mV reference or
the analog comparator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com