Electronic Components Datasheet Search
  English  ▼

X  

LTC1155 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1155
Description  Dual High Side Micropower MOSFET Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1155 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1155 Datasheet HTML 2Page - Linear Technology LTC1155 Datasheet HTML 3Page - Linear Technology LTC1155 Datasheet HTML 4Page - Linear Technology LTC1155 Datasheet HTML 5Page - Linear Technology LTC1155 Datasheet HTML 6Page - Linear Technology LTC1155 Datasheet HTML 7Page - Linear Technology LTC1155 Datasheet HTML 8Page - Linear Technology LTC1155 Datasheet HTML 9Page - Linear Technology LTC1155 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LTC1155
6
1155fb
For more information www.linear.com/LTC1155
APPLICATIONS INFORMATION
OPERATION
Gate Charge Pump
Gate drive for the power MOSFET is produced by an
adaptive charge pump circuit that generates a gate volt-
age substantially higher than the power supply voltage.
The charge pump capacitors are included on-chip and,
therefore, no external components are required to gener-
ate the gate drive.
Drain Current Sense
The LTC1155 is configured to sense the drain current of
the power MOSFET in high side applications. An internal
100mV reference is compared to the drop across a sense
resistor (typically 0.002Ω to 0.1Ω) in series with the drain
lead. If the drop across this resistor exceeds the internal
100mV threshold, the input latch is reset and the gate is
quickly discharged by a large N-channel transistor.
Controlled Gate Rise and Fall Times
When the input is switched ON and OFF, the gate is
charged by the internal charge pump and discharged in a
controlled manner. The charge and discharge rates have
been set to minimize RFI and EMI emissions in normal
operation. If a short circuit or current overload condition
is encountered, the gate is discharged very quickly (typi-
cally a few microseconds) by a large N-channel transistor.
Protecting the MOSFET
The MOSFET is protected against destruction by removing
drive from the gate as soon as an overcurrent condition is
detected. Resistive and inductive loads can be protected
withnoexternaltimedelay.Largecapacitiveorlamploads,
however, require that the overcurrent shutdown function
be delayed long enough to start the load but short enough
to ensure the safety of the MOSFET.
Example Calculations
Consider the circuit of Figure 1. A power MOSFET is driven
by one side of an LTC1155 to switch a high inrush cur-
rent load. The drain sense resistor is selected to limit the
maximum DC current to 3.3A.
RSEN = VSEN/ITRIP
= 0.1/3.3A
= 0.03Ω
A time delay is introduced between RSEN and the drain
sense pin of the LTC1155 which provides sufficient delay
to start a high inrush load such as large supply capacitors.
Inthisexamplecircuit,wehaveselectedtheIRLZ34because
of its low RDS(ON)(0.05Ω with VGS = 5V). The FET drops
1155 F01
IRLZ34
LOAD
LTC1155
GND
GND
G1
DS1
VS
IN1
VS = 5.0V
CDLY
0.22µF
RSEN
0.03
RDLY
270k
Figure 1. Adding an RC Delay
0.1V at 2A and, therefore, dissipates 200mW in normal
operation (no heat sinking required).
If the output is shorted to ground, the current through
the FET rises rapidly and is limited by the RDS(ON) of the
FET, the drain sense resistor and the series resistance
between the power supply and the FET. Series resistance
in the power supply can be substantial and attributed to
manysourcesincludingharnesswiring,PCBtraces,supply
capacitorESR,transformerresistanceorbatteryresistance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com