Electronic Components Datasheet Search
  English  ▼

X  

LTC1155 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1155
Description  Dual High Side Micropower MOSFET Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1155 Datasheet(HTML) 1 Page - Linear Technology

  LTC1155 Datasheet HTML 1Page - Linear Technology LTC1155 Datasheet HTML 2Page - Linear Technology LTC1155 Datasheet HTML 3Page - Linear Technology LTC1155 Datasheet HTML 4Page - Linear Technology LTC1155 Datasheet HTML 5Page - Linear Technology LTC1155 Datasheet HTML 6Page - Linear Technology LTC1155 Datasheet HTML 7Page - Linear Technology LTC1155 Datasheet HTML 8Page - Linear Technology LTC1155 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LTC1155
1
1155fb
For more information www.linear.com/LTC1155
TYPICAL APPLICATION
FEATURES
DESCRIPTION
Dual High Side
Micropower MOSFET Driver
The LTC®1155 dual high side gate driver allows using low
cost N-channel FETs for high side switching applications.
An internal charge pump boosts the gate above the posi-
tive rail, fully enhancing an N-channel MOSFET with no
external components. Micropower operation, with 8µA
standby current and 85µA operating current, allows use
in virtually all systems with maximum efficiency.
Included on-chip is overcurrent sensing to provide au-
tomatic shutdown in case of short circuits. A time delay
can be added in series with the current sense to prevent
false triggering on high in-rush loads such as capacitors
and incandescent lamps.
TheLTC1155operatesoffofa4.5Vto18Vsupplyinputand
safely drives the gates of virtually all FETs. The LTC1155
is well suited for low voltage (battery-powered) applica-
tions, particularly where micropower “sleep” operation
is required.
The LTC1155 is available in both 8-pin PDIP and 8-pin
SO packages.
APPLICATIONS
n
Fully Enhances N-Channel Power MOSFETs
n
8µA Standby Current
n
85µA ON Current
n
Short-Circuit Protection
n
Wide Power Supply Range: 4.5V to 18V
n
Controlled Switching ON and OFF Times
n
No External Charge Pump Components
n
Replaces P-Channel High Side MOSFETs
n
Compatible with Standard Logic Families
n
Available in 8-Pin SO Package
n
Laptop Power Bus Switching
n
SCSI Termination Power Switching
n
Cellular Phone Power Management
n
P-Channel Switch Replacement
n
Relay and Solenoid Drivers
n
Low Frequency Half H-Bridge
n
Motor Speed and Torque Control
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
1155 TA01
RSEN
0.02
CDLY
0.1µF
10µF
5A
MAX
RDLY
100k
POWER BUS
µP
SYSTEM
DISK
DRIVE
DISPLAY
PRINTER,
ETC.
LTC1155
TTL, CMOS INPUT
TTL, CMOS INPUT
GND
GND
IN1
IN2
G2
DS2
VS
DS1
G1
VS = 4.5V TO 5.5V
CDLY
0.1µF
RSEN
0.02
RDLY
100k
*SURFACE MOUNT
*IRLR034
5A
MAX
*IRLR034
+
OUTPUT CURRENT (A)
0
0.00
0.05
0.10
0.15
0.20
0.25
1
2
3
1155 TA02
Switch Voltage Drop
Laptop Computer Power Bus Switch with Short-Circuit Protection


Similar Part No. - LTC1155

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1155 LINER-LTC1155 Datasheet
340Kb / 16P
Dual High Side Micropower MOSFET Driver
LTC1155 LINER-LTC1155 Datasheet
247Kb / 20P
High Speed Single/Dual N-Channel MOSFET Drivers
LTC1155C LINER-LTC1155C Datasheet
340Kb / 16P
Dual High Side Micropower MOSFET Driver
LTC1155CJ8 LINER-LTC1155CJ8 Datasheet
340Kb / 16P
Dual High Side Micropower MOSFET Driver
LTC1155CN8 LINER-LTC1155CN8 Datasheet
340Kb / 16P
Dual High Side Micropower MOSFET Driver
More results

Similar Description - LTC1155

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1154 LINER-LTC1154 Datasheet
334Kb / 16P
High-Side Micropower MOSFET Driver
LTC1155 LINER-LTC1155 Datasheet
340Kb / 16P
Dual High Side Micropower MOSFET Driver
LTC1156 LINER-LTC1156 Datasheet
231Kb / 8P
Quad High Side Micropower MOSFET Driver with Internal Charge Pump
LTC1157 LINER-LTC1157 Datasheet
221Kb / 8P
3.3V Dual Micropower High-Side/Low-Side MOSFET Driver
LTC1255 LINER-LTC1255 Datasheet
340Kb / 16P
Dual 24V High-Side MOSFET Driver
logo
Tripath Technology Inc.
TP2150B TRIPATH-TP2150B Datasheet
377Kb / 18P
DUAL HIGH SIDE AND LOW SIDE MOSFET DRIVER
logo
Linear Technology
LTC1156 LINER-LTC1156_15 Datasheet
214Kb / 8P
Quad High Side Micropower MOSFET Driver with Internal Charge Pump
LTC1157 LINER-LTC1157_15 Datasheet
207Kb / 8P
3.3V Dual Micropower High-Side/Low-Side MOSFET Driver
LTC1154 LINER-LTC1154_15 Datasheet
199Kb / 18P
High Side Micropower MOSFET Driver
LTC1255 LINER-LTC1255_15 Datasheet
293Kb / 16P
Dual 24V High-Side MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com