Electronic Components Datasheet Search
  English  ▼

X  

LTC1155 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1155
Description  Dual High Side Micropower MOSFET Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1155 Datasheet(HTML) 4 Page - Linear Technology

  LTC1155 Datasheet HTML 1Page - Linear Technology LTC1155 Datasheet HTML 2Page - Linear Technology LTC1155 Datasheet HTML 3Page - Linear Technology LTC1155 Datasheet HTML 4Page - Linear Technology LTC1155 Datasheet HTML 5Page - Linear Technology LTC1155 Datasheet HTML 6Page - Linear Technology LTC1155 Datasheet HTML 7Page - Linear Technology LTC1155 Datasheet HTML 8Page - Linear Technology LTC1155 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LTC1155
4
1155fb
For more information www.linear.com/LTC1155
TYPICAL PERFORMANCE CHARACTERISTICS
Standby Supply Current
Supply Current Per Side (ON)
Input ON Threshold
Turn ON Time
Turn OFF Time
Short-Circuit Turn OFF Delay Time
SUPPLY VOLTAGE (V)
0
0
600
700
800
900
1000
5
10
20
1155 G07
100
200
300
400
500
15
CGATE = 1000pF
VGS = 5V
VGS = 2V
SUPPLY VOLTAGE (V)
0
0
30
35
40
45
50
5
10
20
1155 G08
5
10
15
20
25
15
CGATE = 100pF
TIME FOR VGATE < 1V
SUPPLY VOLTAGE (V)
0
0
30
35
40
45
50
5
10
20
1155 G09
5
10
15
20
25
15
VSEN = VS –1V
NO EXTERNAL DELAY
CGATE = 1000pF
TIME FOR VGATE < 1V
TEMPERATURE (°C)
–50
0
5
10
25
35
40
50
–25
0
25
50
1155 G10
15
20
30
45
75
100 125
VS = 5V
VS = 18V
TEMPERATURE (°C)
–50
0
100
200
500
700
800
1000
–25
0
25
50
1155 G11
300
400
600
900
75
100 125
VS = 12V
VS = 5V
TEMPERATURE (°C)
–50
0.4
0.6
0.8
1.4
1.8
2.0
2.4
–25
0
25
50
1155 G12
1.0
1.2
1.6
2.2
75
100 125
VS = 18V
VS = 5V
PIN FUNCTIONS
Input Pin
The LTC1155 logic input is a high impedance CMOS gate
and should be grounded when not in use. These input
pins have ESD protection diodes to ground and supply
and, therefore, should not be forced beyond the power
supply rails.
Gate Drive Pin
The gate drive pin is either driven to ground when the
switch is turned OFF or driven above the supply rail when
the switch is turned ON. This pin is a relatively high imped-
ance when driven above the rail (the equivalent of a few
hundredkΩ).Careshouldbetakentominimizeanyloading
of this pin by parasitic resistance to ground or supply.
Supply Pin
The supply pin of the LTC1155 serves two vital purposes.
The first is obvious: it powers the input, gate drive, regula-
tion and protection circuitry. The second purpose is less
obvious: it provides a Kelvin connection to the top of the
twodrainsenseresistorsfortheinternal100mVreference.
The supply pin should be connected directly to the power
supply source as close as possible to the top of the two
sense resistors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com