Electronic Components Datasheet Search
  English  ▼

X  

LTC1155 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1155
Description  Dual High Side Micropower MOSFET Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1155 Datasheet(HTML) 3 Page - Linear Technology

  LTC1155 Datasheet HTML 1Page - Linear Technology LTC1155 Datasheet HTML 2Page - Linear Technology LTC1155 Datasheet HTML 3Page - Linear Technology LTC1155 Datasheet HTML 4Page - Linear Technology LTC1155 Datasheet HTML 5Page - Linear Technology LTC1155 Datasheet HTML 6Page - Linear Technology LTC1155 Datasheet HTML 7Page - Linear Technology LTC1155 Datasheet HTML 8Page - Linear Technology LTC1155 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LTC1155
3
1155fb
For more information www.linear.com/LTC1155
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VS = 4.5V to 18V, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
LTC1155M (OBSOLETE)
LTC1155C/LTC1155I
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
tOFF
Turn OFF Time
VS = 5V, CGATE = 1000pF
Time for VGATE < 1V
10
36
60
10
36
60
µs
VS = 12V, CGATE = 1000pF
Time for VGATE < 1V
10
26
60
10
26
60
µs
tSC
Short-Circuit Turn OFF Time
VS = 5V, CGATE = 1000pF
Time for VGATE < 1V
5
16
30
5
16
30
µs
VS = 12V, CGATE = 1000pF
Time for VGATE < 1V
5
16
30
5
16
30
µs
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: Quiescent current OFF is for both channels in OFF condition.
Note 3: Quiescent current ON is per driver and is measured independently.
TYPICAL PERFORMANCE CHARACTERISTICS
Input Threshold Voltage
Drain Sense Threshold Voltage
Low Side Gate Voltage
Standby Supply Current
Supply Current/Side (ON)
High Side Gate Voltage
SUPPLY VOLTAGE (V)
0
0
30
35
40
45
50
5
10
20
1155 G01
5
10
15
20
25
15
VIN1 = VIN2 = 0V
TJ = 25°C
SUPPLY VOLTAGE (V)
0
0
600
700
800
900
1000
5
10
20
1155 G02
100
200
300
400
500
15
VIN1 OR VIN2 = 2V
TJ = 25°C
SUPPLY VOLTAGE (V)
0
4
16
18
20
22
24
5
10
20
1155 TPC03
6
8
10
12
14
15
SUPPLY VOLTAGE (V)
0
0.4
1.6
1.8
2.0
2.2
2.4
5
10
20
1155 G04
0.6
0.8
1.0
1.2
1.4
15
VON
VOFF
SUPPLY VOLTAGE (V)
0
50
110
120
130
140
150
5
10
20
1155 G05
60
70
80
90
100
15
SUPPLY VOLTAGE (V)
0
0
18
21
24
27
30
2
4
10
1155 G06
3
6
9
12
15
6
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com