Electronic Components Datasheet Search
  English  ▼

X  

LTC1155 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC1155
Description  Dual High Side Micropower MOSFET Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1155 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC1155 Datasheet HTML 8Page - Linear Technology LTC1155 Datasheet HTML 9Page - Linear Technology LTC1155 Datasheet HTML 10Page - Linear Technology LTC1155 Datasheet HTML 11Page - Linear Technology LTC1155 Datasheet HTML 12Page - Linear Technology LTC1155 Datasheet HTML 13Page - Linear Technology LTC1155 Datasheet HTML 14Page - Linear Technology LTC1155 Datasheet HTML 15Page - Linear Technology LTC1155 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
LTC1155
14
1155fb
For more information www.linear.com/LTC1155
TYPICAL APPLICATIONS
DC Motor Speed and Torque Control for Cordless Tools and Appliances
Full H-Bridge Driver with Shoot-Through Current Lockout and Stall Current Shutdown (fO < 100Hz)
1155 TA16
*OPPOSING GATES ARE HELD OFF UNTIL OTHER GATES DROP BELOW 1.5V
0.1µF
100k
0.01
LTC1155
GND
IN2
G2
DS2
VS
DS1
G1
IN1
4.5V TO 6V
5V
74HC02
10µF
IRLZ44
*
*
DIRECTION
VN2222L
IRFZ44
M
IRLZ44
IRFZ44
VN2222L
DISABLE
1155 TA17
SPEED IS PROPORTIONAL TO PULSE WIDTH. TORQUE IS PROPORTIONAL TO CURRENT
0.1µF
300k
10k
TORQUE
ADJUST
LTC1155
GND
IN2
G2
DS2
VS
DS1
G1
IN1
1.1k
0.1
IRFZ24
SMALL DC APPLIANCE
OR TOOL MOTOR
1A TO
10A
MAX
1M
–
+
1/2
LT1017
100k
120k
10k
SPEED
ADJUST
–
+
1/2
LT1017
1M
1M
0.0033µF
1M
100
47µF
16V
+
6V
100k
M
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com