Electronic Components Datasheet Search
  English  ▼

X  

LTC1155 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1155
Description  Dual High Side Micropower MOSFET Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1155 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1155 Datasheet HTML 5Page - Linear Technology LTC1155 Datasheet HTML 6Page - Linear Technology LTC1155 Datasheet HTML 7Page - Linear Technology LTC1155 Datasheet HTML 8Page - Linear Technology LTC1155 Datasheet HTML 9Page - Linear Technology LTC1155 Datasheet HTML 10Page - Linear Technology LTC1155 Datasheet HTML 11Page - Linear Technology LTC1155 Datasheet HTML 12Page - Linear Technology LTC1155 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LTC1155
9
1155fb
For more information www.linear.com/LTC1155
APPLICATIONS INFORMATION
TYPICAL APPLICATIONS
Overvoltage Protection
The MOSFET and load can be protected against overvolt-
age conditions by using the circuit of Figure 6. The drain
sense function is used to detect an overvoltage condition
and quickly discharge the power MOSFET gate. The 18V
zener diode conducts when the supply voltage exceeds
1155 F05
LOAD
LTC1155
GND
GND
G1
DS1
VS
IN1
VS = 4.5V TO 18V
CDLY
RSEN
RDLY
100k
5V
300
1/4W
10µF
25V
+
Dual 2A Autoreset Electronic Fuse
Figure 5. Reverse Battery Protection
Figure 6. Overvoltage Shutdown and Protection
18.6V and pulls the drain sense pin 0.6V below the sup-
ply pin voltage.
The supply voltage is limited to 18.6V and the gate drive is
immediately removed from the MOSFET to ensure that it
cannot conduct during the overvoltage period. The gate of
the MOSFET will be latched OFF until the supply transient
is removed and the input turned OFF and ON again.
1155 F06
LOAD
LTC1155
GND
GND
G1
DS1
VS
IN1
VS = 4.5V TO 18V
510
10k
1N4148
18V
1155 TA03
0.03
10µF
1/2 SI9956DY
30k
LTC1155
GND
IN1
IN2
DS2
VS
DS1
0.03
G2
G1
0.1µF
30k
0.1µF
5V
100k
1/2 SI9956DY
1N4148
1N4148
OUT 1
OUT 2
100k
750k
1.0µF
LMC555
6
1
2
3
8
4
fO = 1Hz
ALL COMPONENTS SHOWN ARE SURFACE MOUNT
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com