Electronic Components Datasheet Search
  English  ▼

X  

UM0851 Datasheet(PDF) 54 Page - STMicroelectronics

Part # UM0851
Description  SPEAr is a family of highly customizable ARM-based embedded
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0851 Datasheet(HTML) 54 Page - STMicroelectronics

Back Button UM0851 Datasheet HTML 50Page - STMicroelectronics UM0851 Datasheet HTML 51Page - STMicroelectronics UM0851 Datasheet HTML 52Page - STMicroelectronics UM0851 Datasheet HTML 53Page - STMicroelectronics UM0851 Datasheet HTML 54Page - STMicroelectronics UM0851 Datasheet HTML 55Page - STMicroelectronics UM0851 Datasheet HTML 56Page - STMicroelectronics UM0851 Datasheet HTML 57Page - STMicroelectronics UM0851 Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 245 page
background image
Communication device drivers
UM0851
54/245
Doc ID 16604 Rev 2
The data shown above is a result of the following configuration features supported by the
driver.
●
Jumbo frames
Since its creation (around 1980), Ethernet has used 1500 byte frame sizes. To maintain
backward compatibility, 100 Mbps Ethernet used the same size, and today "standard"
gigabit Ethernet also uses 1500 byte frames. This is so a packet to/from any
combination of 10/100/1000 Mbps Ethernet devices can be handled without any layer
two fragmentation or reassembly.
"Jumbo frames" extends Ethernet to 9000 bytes.
For SPEAr600, the maximum MTU size has been limited to 4000, but for SPEAr300 the
maximum MTU size is kept at 9000. The advantage of using bigger MTU size can be
estimated from the fact that smaller frames usually mean more CPU interrupts and
more processing overhead for a given data transfer size. Often the per-packet
processing overhead sets the limit of TCP performance in the LAN environment. The
experiments results obtained above prove that the jumbo frames provided 50% more
throughput with 50% less CPU load than 1500 byte frames.
●
Checksum offloading during reception
Checksum offloading is used to relieve the kernel (and thus the CPU) from the burden
of calculating transport-PDU checksums (TCP and UDP checksums) when the SPEAr
MAC hardware can perform these calculations itself. As it can be seen in the results
above, when the checksum offloading is enabled the reception performance has
increased by almost 60 Mbps.
●
CRC stripping
This option enables GMAC to strip the PAD/FC S on the incoming frames only when
the length of the frame is less than or equal to 1500 bytes. The results show that
enabling this particular option does not impact the performance significantly, as the
execution time for the same option in the software is also on the lower side.
Kernel configuration options
Below is a list of the kernel configuration options supported by the driver using make
menuconfig.
Table 16.
Menuconfig options
Configuration options
Comment
CONFIG_NET_ETHERNET
Kernel networking support
CONFIG_MII
Generic media independent interface provided by
kernel.
CONFIG_ETH_SPEAR_SYN
This option is used to enable the GMAC driver
support (CONFIG_ETH_SPEAR_SYN=Y).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com