Electronic Components Datasheet Search
  English  ▼

X  

UM0851 Datasheet(PDF) 61 Page - STMicroelectronics

Part # UM0851
Description  SPEAr is a family of highly customizable ARM-based embedded
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0851 Datasheet(HTML) 61 Page - STMicroelectronics

Back Button UM0851 Datasheet HTML 57Page - STMicroelectronics UM0851 Datasheet HTML 58Page - STMicroelectronics UM0851 Datasheet HTML 59Page - STMicroelectronics UM0851 Datasheet HTML 60Page - STMicroelectronics UM0851 Datasheet HTML 61Page - STMicroelectronics UM0851 Datasheet HTML 62Page - STMicroelectronics UM0851 Datasheet HTML 63Page - STMicroelectronics UM0851 Datasheet HTML 64Page - STMicroelectronics UM0851 Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 245 page
background image
UM0851
Communication device drivers
Doc ID 16604 Rev 2
61/245
4.3
USB Host
4.3.1
Hardware overview
Within its high-speed (HS) connection subsystem, SPEAr provides Synopsys's USB 2.0
Host fully compliant with the universal serial bus specification (version 2.0), and offering an
interface to the industry-standard AHB bus.
The high speed connection subsystem in SPEAr provides in the following numbers/features
of USB host controllers for SPEAr 600/300.
The main features provided by each USB 2.0 Host are listed below:
●
PHY interface implementing a USB 2.0 transceiver macro cell interface (UTMI) fully
compliant with UTMI specification (revision 1.05), to execute serialization and de-
serialization of transmissions over the USB line.
●
30 MHz clock for 16-bit interface, supported by the UTMI PHY interface.
●
USB 2.0 Host controller (UHC) connected to the AHB bus that generates the
commands for the UTMI PHY.
●
The UHC complies with both the enhanced host controller interface (EHCI)
specification (version 1.0) and the open host controller interface (OHCI) specification
(version 1.0a).
●
All clock synchronization is handled within the UHC.
●
An AHB slave for each controller (EHCI and OHCI), acting as a programming interface
for access to control and status registers.
●
An AHB master for each controller (EHCI and OHCI) for data transfer to system
memory, supporting 8, 16, and 32-bit wide data transactions on the AHB bus.
Table 19.
USB host configuration in SPEAr
SPEAr600
SPEAr300
Two USB hosts compatible with USB 2.0 high-
speed specification. They can work
simultaneously either in full-speed or in high-
speed mode.
One USB host controller compatible with USB 2.0
high-speed specification managing two ports.
The peripherals have dedicated channels to the
multi-port memory controller and four slave ports
for CPU programming.
The peripheral has dedicated channel to the
multi-port memory controller and two slave ports
for CPU programming.
The UHC supports the 480 Mbps high-speed
(HS) for USB 2.0 through an embedded EHCI
host controller, as well as the 12 Mbps full-speed
(FS) and the 1.5 Mbps low-speed (LS) for USB
1.1 through one integrated OHCI host controller.
The UHC supports the 480 Mbps high-speed
(HS) for USB 2.0 through an embedded EHCI
host controller, as well as the 12 Mbps full-speed
(FS) and the 1.5 Mbps low-speed (LS) for USB
1.1 through two integrated OHCI Host controllers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com