Electronic Components Datasheet Search
  English  ▼

X  

UM0851 Datasheet(PDF) 55 Page - STMicroelectronics

Part # UM0851
Description  SPEAr is a family of highly customizable ARM-based embedded
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0851 Datasheet(HTML) 55 Page - STMicroelectronics

Back Button UM0851 Datasheet HTML 51Page - STMicroelectronics UM0851 Datasheet HTML 52Page - STMicroelectronics UM0851 Datasheet HTML 53Page - STMicroelectronics UM0851 Datasheet HTML 54Page - STMicroelectronics UM0851 Datasheet HTML 55Page - STMicroelectronics UM0851 Datasheet HTML 56Page - STMicroelectronics UM0851 Datasheet HTML 57Page - STMicroelectronics UM0851 Datasheet HTML 58Page - STMicroelectronics UM0851 Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 245 page
background image
UM0851
Communication device drivers
Doc ID 16604 Rev 2
55/245
Other miscellaneous options:
4.2
MACB (MAC block) driver
MACB is a 10M/100M Ethernet controller, with an SMII (Serial MII) interface to an external
PHY. This section describes the driver for MACB Ethernet controller embedded in SPEAr.
The IP is provided by Cadence.
4.2.1
Hardware overview
The MACB module implements a 10/100 Ethernet MAC compatible with the IEEE 802.3
standard using an address checker, statistics and control registers, as well as receive and
transmit blocks and a DMA interface. The address checker recognizes four specific 48-bit
addresses and contains a 64-bit hash register for matching multicast and unicast addresses.
It can recognize the broadcast address of all ones, copy all frames, and act on an external
address match signal.
Table 17.
Other options
Configuration option
Comment
JUMBO frame size
Can be configured by setting ifconfig eth0 mtu <size>.
CRC_OFFLOAD
Checksum offloading is used to relieve the kernel (and
thus the CPU) from the burden of calculating transport-
PDU checksums (TCP and UDP checksums) when the
SPEAr MAC hardware can perform these calculations
itself.
No of receive/ transmit descriptors
Setup the number of DMA descriptors being used in
reception and transmission. The default has been set to
32 for both reception and transmission.
ETH_SPEAR_CRC_STRIP
This option enables the GMAC to strip the PAD/FCS on
the incoming frames only when the length of the frame
is less than or equal to 1500 bytes.
Ethtool
Ethtool is used for querying the settings of an Ethernet
device and changing them.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com