Electronic Components Datasheet Search
  English  ▼

X  

UM0851 Datasheet(PDF) 66 Page - STMicroelectronics

Part # UM0851
Description  SPEAr is a family of highly customizable ARM-based embedded
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0851 Datasheet(HTML) 66 Page - STMicroelectronics

Back Button UM0851 Datasheet HTML 62Page - STMicroelectronics UM0851 Datasheet HTML 63Page - STMicroelectronics UM0851 Datasheet HTML 64Page - STMicroelectronics UM0851 Datasheet HTML 65Page - STMicroelectronics UM0851 Datasheet HTML 66Page - STMicroelectronics UM0851 Datasheet HTML 67Page - STMicroelectronics UM0851 Datasheet HTML 68Page - STMicroelectronics UM0851 Datasheet HTML 69Page - STMicroelectronics UM0851 Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 245 page
background image
Communication device drivers
UM0851
66/245
Doc ID 16604 Rev 2
E:
Ad=83(I) Atr=03(Int.) MxPS=
8 Ivl=24ms
4.3.4
USB Host performance
The driver performace was evaluated using the following setup:
●
Host PC:
–
Linux Fedora Core11
–
Processor: 1 GHz AMD Athlon 64 bit dual core
–
RAM: 1 GB DDR2 RAM (667 MHz)
–
Gigabit Ethernet
●
Target device: SPEAr600
–
CPU: 332 MHz - AHB: 166 MHz - DDR: 333 MHz
●
Benchmark: testusb (www.linux-usb.org/usbtest/testusb.c)
●
Test method
The target board is connected to the Linux PC via an USB standard A/B cable.
On host side run testusb using the following command:
./testusb -D /proc/bus/usb/bus No/dev No. -t 1 -s 4096 -c 10
D = It used to pass the gadget zero bus id and device id
t = It used to pass the test type (1 is BulkOUT, 2 is BulkIN)
s = block size (4096,8192,16384,32768,65024)
c = test loop count
On target side run gadget zero as a module using make menuconfig to declare it as a
module and make modules to build it. Then insert the module passing the size of the
buffer as a parameter: insmod g_zero.ko buflen=4096.
●
Test result
The following are the results using following commands:
Target: insmod g_zero.ko buflen=4096
HOST: ./testusb -D /proc/bus/usb/bus No/dev No. -t 1 -s <BlkSize> -c 100
HOST: ./testusb -D /proc/bus/usb/bus No/dev No. -t 2 -s <BlkSize> -c 100
Table 20.
USB Host device performance results
BlkSize
(KB)
Data Size
(KB)
BulkOUT time
(s)
BulkOUT
throughput
(Mbps)
BulkIN time
(s)
BulkIN
throughput
(Mbps)
4
400
0.03125
104.8576
0.03125
104.8576
8
800
0.044016
148.8913123
0.034125
192.0468864
16
1600
0.064312
203.8064436
0.057234
229.0107279
32
3200
0.107938
242.8653486
0.10739
244.1046652
40
4000
0.13325
245.9136961
0.132797
246.7525622
80
8000
0.24764
264.6422226
0.24686
265.4784088
160
16000
0.489281
267.8869607
0.4757
275.5350011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com