Electronic Components Datasheet Search
  English  ▼

X  

UM0851 Datasheet(PDF) 93 Page - STMicroelectronics

Part # UM0851
Description  SPEAr is a family of highly customizable ARM-based embedded
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0851 Datasheet(HTML) 93 Page - STMicroelectronics

Back Button UM0851 Datasheet HTML 89Page - STMicroelectronics UM0851 Datasheet HTML 90Page - STMicroelectronics UM0851 Datasheet HTML 91Page - STMicroelectronics UM0851 Datasheet HTML 92Page - STMicroelectronics UM0851 Datasheet HTML 93Page - STMicroelectronics UM0851 Datasheet HTML 94Page - STMicroelectronics UM0851 Datasheet HTML 95Page - STMicroelectronics UM0851 Datasheet HTML 96Page - STMicroelectronics UM0851 Datasheet HTML 97Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 245 page
background image
UM0851
Communication device drivers
Doc ID 16604 Rev 2
93/245
4.7
SDIO driver
An SDIO card is a combination of an SD card and an I/O device. This kind of combination is
increasingly found in portable electronics devices. SDIO cards define a standard protocol at
several layers, including mechanical, electrical, power, signaling and software.
A large number of different SDIO devices can be now found in consumer applications, like
GPS receivers, Wi-Fi or Bluetooth adapters, modems and Ethernet adapters, Flash
memories and other mass storage media such as hard drives.
SPEAr300 and SPEAr320 embed a SDIO controller described in this section.
4.7.1
Hardware overview
SDIO stands for secure digital input output. SD/MMC is a memory card specifically
designed to meet the security, capacity, performance, and environment requirements
inherent in newly emerging audio and video consumer electronic devices. In addition to the
SD memory card, there is the SD I/O (SDIO) card. The SDIO card specification is defined in
a separate specification named "SDIO card specification" that can be obtained from the SD
Association. The SDIO specification defines an SD card that may contain interfaces
between various I/O units and an SD hosts. The SDIO card may contain memory storage
capability as well as I/O functionality.
The Arasan SDIO host controller included in the SPEAr300 and SPEAr320 customization
has an AMBA compatible interface and conforms to the SD host controller standard
specification version 2.0. It handles SDIO/SD protocol at transmission level, packing data,
adding cyclic redundancy check (CRC), setting of start/end bit and checking for transaction
format correctness. The host controller provides programmed I/O and DMA data transfer
method.
Figure 23.
SDIO block diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com