Electronic Components Datasheet Search
  English  ▼

X  

UM0851 Datasheet(PDF) 27 Page - STMicroelectronics

Part # UM0851
Description  SPEAr is a family of highly customizable ARM-based embedded
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0851 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button UM0851 Datasheet HTML 23Page - STMicroelectronics UM0851 Datasheet HTML 24Page - STMicroelectronics UM0851 Datasheet HTML 25Page - STMicroelectronics UM0851 Datasheet HTML 26Page - STMicroelectronics UM0851 Datasheet HTML 27Page - STMicroelectronics UM0851 Datasheet HTML 28Page - STMicroelectronics UM0851 Datasheet HTML 29Page - STMicroelectronics UM0851 Datasheet HTML 30Page - STMicroelectronics UM0851 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 245 page
background image
UM0851
Platform section
Doc ID 16604 Rev 2
27/245
Figure 3.
GPT software architecture
In the Linux source tree, the GPT layer is present in arch/arm/plat-spear/gpt.c
GPT layer interface
The GPT layer represents the timer as a structure with the following fields.
struct spear_timer {
unsigned long phys_base;
int irq;
struct clk *iclk; /* interface clk */
struct clk *fclk; /* functional clk */
void __iomem *io_base;
unsigned reserved:1;
unsigned enabled:1;
};
The SPEAr LSP defines an array (of struct spear_timer) for the available timers on each
respective platform. The GPT layer provides a set of APIs which operate on this structure to
manage the set of available timers.
Allocating a timer
There are two ways of allocating a GPT. You can either ask for a free timer, in this case an
available timer on the list will be allocated to you, or, ask for a specific timer, so if it is
available, it will be allocated to you. Both the APIs return one of the available timers (or
NULL), which you can subsequently use to program and control the timer.
/* request for a free timer */
struct spear_timer *spear_timer_request(void);
/* request for a specific timer greater than or equal to 1 */
struct spear_timer *spear_timer_request_specific(int timer);



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More