Electronic Components Datasheet Search
  English  ▼

X  

UM0851 Datasheet(PDF) 91 Page - STMicroelectronics

Part # UM0851
Description  SPEAr is a family of highly customizable ARM-based embedded
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0851 Datasheet(HTML) 91 Page - STMicroelectronics

Back Button UM0851 Datasheet HTML 87Page - STMicroelectronics UM0851 Datasheet HTML 88Page - STMicroelectronics UM0851 Datasheet HTML 89Page - STMicroelectronics UM0851 Datasheet HTML 90Page - STMicroelectronics UM0851 Datasheet HTML 91Page - STMicroelectronics UM0851 Datasheet HTML 92Page - STMicroelectronics UM0851 Datasheet HTML 93Page - STMicroelectronics UM0851 Datasheet HTML 94Page - STMicroelectronics UM0851 Datasheet HTML 95Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 245 page
background image
UM0851
Communication device drivers
Doc ID 16604 Rev 2
91/245
struct spi_master *master;
u32
max_speed_hz;
u8
chip_select;
u8
mode;
u8
bits_per_word;
int
irq;
void
*controller_state;
void
*controller_data;
const char *modalias;
};
Configuring the SPI controller settings
To configure the SPI controller, you can use the spi_setup() function provided by the SPI
framework. Slave developers can change the previously saved struct spi_device with the
new SPI configuration, like bits_per_word, max_speed_hz, mode.
/* spi is device whose settings are being modified */
static inline int spi_setup(struct spi_device *spi);
Writing data:
To send data over the SPI bus, you can use the spi_write() function provided by the SPI
framework.
/* spi: device to which data will be written
buf: data buffer
len: data buffer size */
static inline int spi_write(struct spi_device *spi, const u8 *buf, size_t len);
Reading data:
To read data over the SPI bus, you can use the spi_read() function provided by the SPI
framework.
/* spi: device from which data will be read
buf: data buffer
len: data buffer size */
static inline int spi_read(struct spi_device *spi, u8 *buf, size_t len);
Writing/reading data - full duplex mode:
Writing and reading simultaneously can be achieved the with following code:
static inline int spi_write_and_read(struct spi_device *spi, const u8 *txbuf, u8
*rxbuf, size_t len)
{
/*create SPI_transfer structure and fill all relevant fields.*/
struct spi_transfer
t = {
.tx_buf
= txbuf,
.rx_buf
= rxbuf,
.len
= len,
};
/*create and initialize spi_message structure.*/
struct spi_messagem;
spi_message_init(&m);
/*adding the transfer structure to the tail of the spi message.*/
spi_message_add_tail(&t, &m);
/*spi_sync function will submit the current message with the spi and will



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com