Electronic Components Datasheet Search
  English  ▼

X  

UM0851 Datasheet(PDF) 51 Page - STMicroelectronics

Part # UM0851
Description  SPEAr is a family of highly customizable ARM-based embedded
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0851 Datasheet(HTML) 51 Page - STMicroelectronics

Back Button UM0851 Datasheet HTML 47Page - STMicroelectronics UM0851 Datasheet HTML 48Page - STMicroelectronics UM0851 Datasheet HTML 49Page - STMicroelectronics UM0851 Datasheet HTML 50Page - STMicroelectronics UM0851 Datasheet HTML 51Page - STMicroelectronics UM0851 Datasheet HTML 52Page - STMicroelectronics UM0851 Datasheet HTML 53Page - STMicroelectronics UM0851 Datasheet HTML 54Page - STMicroelectronics UM0851 Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 245 page
background image
UM0851
Communication device drivers
Doc ID 16604 Rev 2
51/245
ifconfig eth0 down
Ifconfig eth0 up
Usage of Ethtool
The ethtool utility is used to display or change the Ethernet card settings.
●
To setup the auto negotiation:
ethtool -s eth0 autoneg on
●
To check the existing network configurations (result for SPEAr600):
ethtool eth0
Settings for eth0:
Supported ports: [ MII ]
Supported link modes:
10baseT/Half 10baseT/Full
100baseT/Half 100baseT/Full
1000baseT/Half 1000baseT/Full
Supports auto-negotiation: Yes
Advertised link modes:
10baseT/Half 10baseT/Full
100baseT/Half 100baseT/Full
1000baseT/Half 1000baseT/Full
Advertised auto-negotiation: Yes
Speed: 1000Mb/s
Duplex: Full
Port: MII
PHYAD: 1
Transceiver: external
Auto-negotiation: on
Link detected: yes
●
To setup the forced speed 100, full duplex mode:
ethtool -s eth0 autoneg off speed 100 duplex full
●
To setup the forced speed 100, half duplex mode:
ethtool -s eth0 autoneg off speed 100 duplex half
●
To setup the forced speed 10, full duplex mode:
ethtool -s eth0 autoneg off speed 10 duplex full
●
To setup the forced speed 10, half duplex mode:
ethtool -s eth0 autoneg off speed 10 duplex half:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com