Electronic Components Datasheet Search
  English  ▼

X  

UM0851 Datasheet(PDF) 114 Page - STMicroelectronics

Part # UM0851
Description  SPEAr is a family of highly customizable ARM-based embedded
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0851 Datasheet(HTML) 114 Page - STMicroelectronics

Back Button UM0851 Datasheet HTML 110Page - STMicroelectronics UM0851 Datasheet HTML 111Page - STMicroelectronics UM0851 Datasheet HTML 112Page - STMicroelectronics UM0851 Datasheet HTML 113Page - STMicroelectronics UM0851 Datasheet HTML 114Page - STMicroelectronics UM0851 Datasheet HTML 115Page - STMicroelectronics UM0851 Datasheet HTML 116Page - STMicroelectronics UM0851 Datasheet HTML 117Page - STMicroelectronics UM0851 Datasheet HTML 118Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 245 page
background image
Communication device drivers
UM0851
114/245
Doc ID 16604 Rev 2
Figure 29.
HDLC software system architecture
SPEAr HDLC driver talks to the HDLC controller hardware. It carries out transmit requests
coming from the upper layers. In parallel, it collects incoming data from hardware and
queues them up to the upper layers.
The generic HDLC layer is between the HDLC driver and Linux network layer. It implements
several protocols based on HDLC, such as Raw HDLC, PPP, Frame Relay etc. It works as a
translator or a multiplexer between the physical HDLC driver and Linux network layer.
The application uses the standard BSD socket API to access the HDLC interfaces.
Main data structures of the driver
The main driver structures include port_t, channel_t, hdlc_dev, net_device.
The relationship between these structures is shown in the following figure.
Kernel space
Application
Socket API
Netif I/F
SPEAr HDLC driver
Hardware
HDLC controller
User space
Generic HDLC layer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com